Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
18
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45
Input PGA
volume
control
7
INPPGAZC
0
Input PGA zero cross enable:
0=Update gain when gain register changes
1=Update gain on 1st zero cross after gain
register write.
6
INPPGAMUTE
1
Mute control for input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected from
the following input BOOST stage).
5:0
INPPGAVOL
010000
Input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = 35.25dB
R32
ALC control 1
8
ALCSEL
0
ALC function select:
0=ALC off (PGA gain set by INPPGAVOL
register bits)
1=ALC on (ALC controls PGA gain)
Table 4 Input PGA Volume Control
AUXILIARY INPUT
An auxiliary input circuit (Figure 7) is provided which consists of an amplifier which can be configured
either as an inverting buffer for a single input signal or as a mixer/summer for multiple inputs with the
use of external resistors. The circuit is enabled by the register bit AUXEN.
Figure 7 Auxiliary Input Circuit
The AUXMODE register bit controls the auxiliary input mode of operation:
In buffer mode (AUXMODE=0) the switch labelled AUXSW in Figure 7 is open and the signal at the
AUX pin will be buffered and inverted through the aux circuit using only the internal components.
In mixer mode (AUXMODE=1) the on-chip input resistor is bypassed, this allows the user to sum in
multiple inputs with the use of external resistors. When used in this mode there will be gain
variations through this path from part to part due to the variation of the internal 20kΩ resistors
relative to the higher tolerance external resistors.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
6
AUXEN
0
Auxiliary input buffer enable
0 = OFF
1 = ON
R44
Input control
3
AUXMODE
0
0 = inverting buffer
1 = mixer (on-chip input resistor bypassed)
Table 5 Auxiliary Input Buffer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com