Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
8
Test Conditions
DCVDD=1.8V, DBVDD=3.3V, AVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input / Output
Input HIGH Level
VIH
0.7
×
DBVDD
DBVDD+0.7
V
Input LOW Level
VIL
GND-0.7
0.3
×DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
×
DBVDD
DBVDD
V
Output LOW Level
VOL
IOH-1mA
GND
0.1xDBVDD
V
Input Capacitance
All digital pins
10
pF
Input leakage
All digital pins except MODE
-900
+900
nA
MODE pin
-90
+90
μA
TERMINOLOGY
1.
Full-scale input levels scale in relation to AVDD depending upon the input or output used. For example, when AVDD
= 3.3V, 0dBFS = 1Vrms (0dBV). When AVDD < 3.3V the absolute level of 0dBFS will decrease with a linear
relationship to AVDD.
2.
Input level to RIP and LIP in differential configurations is limited to a maximum of -3dB or performance will be
reduced.
3.
Signal-to-noise ratio (dB) – SNR is the difference in level between a reference full scale output signal and the device
output with no signal applied. This ratio is also called idle channel noise. (No Auto-zero or Automute function is
employed in achieving these results).
4.
THD is the difference in level between a reference output signal and the first seven harmonics of the output signal. To
calculate the ratio, the fundamental frequency of the output signal is notched out and an RMS value of the next seven
harmonics is calculated.
5.
Total Harmonic Distortion plus Noise (dB) – THD+N is the difference in level between a reference output signal and
the sum of the harmonics, wide-band noise and interference on the output signal. To calculate the ratio, the
fundamental frequency of the output signal is notched out and an RMS value of the total harmonics, wide-band noise
and interference is calculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com