Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
Pre Production
WM8952
w
PP, Rev 3.1, June 2011
19
INPUT BOOST
The input BOOST circuit has 3 selectable inputs: the input microphone PGA output, the AUX
amplifier output and the MICP input pin (when not using a differential microphone configuration).
These three inputs can be mixed together and have individual gain boost/adjust as shown in Figure
8.
Figure 8 Input Boost Stage
The input PGA path can have a +20dB boost (PGABOOST=1) a 0dB pass through (PGABOOST=0)
or be completely isolated from the input boost circuit (INPPGAMUTE=1).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45
Input PGA gain
control
6
INPPGAMUTE
1
Mute control for input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected from
the following input BOOST stage).
R47
Input BOOST
control
8
PGABOOST
0
0 = PGA output has +0dB gain through
input BOOST stage.
1 = PGA output has +20dB gain through
input BOOST stage.
Table 6 Input BOOST Stage Control
The Auxiliary amplifier path to the BOOST stage is controlled by the AUX2BOOSTVOL[2:0] register
bits.
When AUX2BOOSTVOL=000 this path is completely disconnected from the BOOST stage.
Settings 001 through to 111 control the gain in 3dB steps from -12dB to +6dB.
The MICP path to the BOOST stage is controlled by the MICP2BOOSTVOL[2:0] register bits.
When MICP2BOOSTVOL=000 this input pin is completely disconnected from the BOOST stage.
Settings 001 through to 111 control the gain in 3dB steps from -12dB to +6dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com