Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952ECS/RV Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8952ECS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
Pre Production
WM8952
w
PP, Rev 3.1, June 2011
53
RECOMMENDED POWER UP/DOWN SEQENCE
In order to minimise output pop and click noise, it is recommended that the WM8952 device is
powered up and down using one of the following sequences:
Power Up:
1.
Turn on external power supplies. Wait for supply voltages to settle.
2.
Reset internal registers to default state (software reset).
3.
Enable non-VMID derived bias generator (VMID_OP_EN = 1) and level shifters
(LVLSHIFT_EN = 1).
4.
Select Clock source to MCLK (CLKSEL = 0) and audio mode (Master or Slave).
5.
Enable Power on Bias Control (POB_CTRL = 1) and VMID soft start
(SOFT_START = 1).
6.
Set VMIDSEL[1:0] bits for 50kΩ reference string impedance.
7.
Wait for the VMID supply to settle. *Note 2.
8.
Enable analogue amplifier bias control (BIASEN = 1) and VMID buffer (BUFIOEN
= 1). *Notes 1 and 2.
9.
Disable Power on Bias Control (POB_CTRL = 0) and VMID soft start
(SOFT_START = 0).
Power Down:
1.
Enable non-VMID derived bias generator (VMID_OP_EN = 1).
2.
Enable on Bias Control (POB_CTRL = 1).
3.
Disable analogue amplifier bias control (BIASEN = 0) and VMID (VMIDSEL[1:0]
bits set to OFF).
4.
Enable Fast VMID Discharge (TOGGLE = 1) to discharge VMID capacitor.
5.
Wait for VMID capacitor to fully discharge.
6.
Reset all registers to their default state (software reset).
7.
Turn off external power supply voltages.
Notes:
1. This step enables the internal device bias buffer and the VMID buffer for unassigned inputs. This
will provide a startup reference for all inputs. This will cause the inputs to ramp towards VMID in
a way that is controlled and predictable.
2. Choose the value of VMIDSEL bits based on the startup time (VMIDSEL = 10 for the slowest
startup, VMIDSEL = 11 for the fastest startup). Startup time is defined by the value of the
VMIDSEL bits (the reference impedance) and the external decoupling capacitor on VMID.
In addition to the power on sequence, it is recommended that the zero cross functions are used
when changing the volume in the PGAs to avoid any audible pops and clicks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com