Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 10 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 6Page - SMSC Corporation LAN8720AI Datasheet HTML 7Page - SMSC Corporation LAN8720AI Datasheet HTML 8Page - SMSC Corporation LAN8720AI Datasheet HTML 9Page - SMSC Corporation LAN8720AI Datasheet HTML 10Page - SMSC Corporation LAN8720AI Datasheet HTML 11Page - SMSC Corporation LAN8720AI Datasheet HTML 12Page - SMSC Corporation LAN8720AI Datasheet HTML 13Page - SMSC Corporation LAN8720AI Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.4 (08-23-12)
10
SMSC LAN8720A/LAN8720Ai
DATASHEET
Table 2.1 RMII Signals
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
Transmit
Data 0
TXD0
VIS
The MAC transmits data to the transceiver using
this signal.
1
Transmit
Data 1
TXD1
VIS
The MAC transmits data to the transceiver using
this signal.
1
Transmit
Enable
TXEN
VIS
(PD)
Indicates that valid transmission data is present
on TXD[1:0].
1
Receive
Data 0
RXD0
VO8
Bit 0 of the 2 data bits that are sent by the
transceiver on the receive path.
PHY
Operating
Mode 0
Configuration
Strap
MODE0
VIS
(PU)
Combined with MODE1 and MODE2, this
configuration strap sets the default PHY mode.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration," on page 31 for
additional details.
1
Receive
Data 1
RXD1
VO8
Bit 1 of the 2 data bits that are sent by the
transceiver on the receive path.
PHY
Operating
Mode 1
Configuration
Strap
MODE1
VIS
(PU)
Combined with MODE0 and MODE2, this
configuration strap sets the default PHY mode.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration," on page 31 for
additional details.
1
Receive Error
RXER
VO8
This signal is asserted to indicate that an error
was detected somewhere in the frame presently
being transferred from the transceiver.
PHY Address
0
Configuration
Strap
PHYAD0
VIS
(PD)
This configuration strap sets the transceiver’s
SMI address.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.1, "PHYAD[0]: PHY
Address Configuration," on page 31 for
additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com