Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 24 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 24 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 20Page - SMSC Corporation LAN8720AI Datasheet HTML 21Page - SMSC Corporation LAN8720AI Datasheet HTML 22Page - SMSC Corporation LAN8720AI Datasheet HTML 23Page - SMSC Corporation LAN8720AI Datasheet HTML 24Page - SMSC Corporation LAN8720AI Datasheet HTML 25Page - SMSC Corporation LAN8720AI Datasheet HTML 26Page - SMSC Corporation LAN8720AI Datasheet HTML 27Page - SMSC Corporation LAN8720AI Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.4 (08-23-12)
24
SMSC LAN8720A/LAN8720Ai
DATASHEET
reflected in the Speed Indication bits of the PHY Special Control/Status Register, as well as in the Auto
Negotiation Link Partner Ability Register. The auto-negotiation protocol is a purely physical layer
activity and proceeds independently of the MAC controller.
The advertised capabilities of the transceiver are stored in the Auto Negotiation Advertisement
Register. The default advertised by the transceiver is determined by user-defined on-chip signal
options.
The following blocks are activated during an Auto-negotiation session:
Auto-negotiation (digital)
100M ADC (analog)
100M PLL (analog)
100M equalizer/BLW/clock recovery (DSP)
10M SQUELCH (analog)
10M PLL (analog)
10M Transmitter (analog)
When enabled, auto-negotiation is started by the occurrence of one of the following events:
Hardware reset
Software reset
Power-down reset
Link status down
Setting the Restart Auto-Negotiate bit of the Basic Control Register
On detection of one of these events, the transceiver begins auto-negotiation by transmitting bursts of
Fast Link Pulses (FLP), which are bursts of link pulses from the 10M transmitter. They are shaped as
Normal Link Pulses and can pass uncorrupted down CAT-3 or CAT-5 cable. A Fast Link Pulse Burst
consists of up to 33 pulses. The 17 odd-numbered pulses, which are always present, frame the FLP
burst. The 16 even-numbered pulses, which may be present or absent, contain the data word being
transmitted. Presence of a data pulse represents a “1”, while absence represents a “0”.
The data transmitted by an FLP burst is known as a “Link Code Word.” These are defined fully in IEEE
802.3 clause 28. In summary, the transceiver advertises 802.3 compliance in its selector field (the first
5 bits of the Link Code Word). It advertises its technology ability according to the bits set in the Auto
Negotiation Advertisement Register.
There are 4 possible matches of the technology abilities. In the order of priority these are:
100M Full Duplex (Highest Priority)
100M Half Duplex
10M Full Duplex
10M Half Duplex (Lowest Priority)
If the full capabilities of the transceiver are advertised (100M, Full Duplex), and if the link partner is
capable of 10M and 100M, then auto-negotiation selects 100M as the highest performance mode. If
the link partner is capable of half and full duplex modes, then auto-negotiation selects full duplex as
the highest performance operation.
Once a capability match has been determined, the link code words are repeated with the acknowledge
bit set. Any difference in the main content of the link code words at this time will cause auto-negotiation
to re-start. Auto-negotiation will also re-start if not all of the required FLP bursts are received.
The capabilities advertised during auto-negotiation by the transceiver are initially determined by the
logic levels latched on the MODE[2:0] configuration straps after reset completes. These configuration
straps can also be used to disable auto-negotiation on power-up. Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration," on page 31 for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com