Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 41 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 41 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 37Page - SMSC Corporation LAN8720AI Datasheet HTML 38Page - SMSC Corporation LAN8720AI Datasheet HTML 39Page - SMSC Corporation LAN8720AI Datasheet HTML 40Page - SMSC Corporation LAN8720AI Datasheet HTML 41Page - SMSC Corporation LAN8720AI Datasheet HTML 42Page - SMSC Corporation LAN8720AI Datasheet HTML 43Page - SMSC Corporation LAN8720AI Datasheet HTML 44Page - SMSC Corporation LAN8720AI Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
SMSC LAN8720A/LAN8720Ai
41
Revision 1.4 (08-23-12)
DATASHEET
3.8.8.3
Connector Loopback
The device maintains reliable transmission over very short cables, and can be tested in a connector
loopback as shown in Figure 3.14. An RJ45 loopback cable can be used to route the transmit signals
an the output of the transformer back to the receiver inputs, and this loopback will work at both 10 and
100.
3.9
Application Diagrams
This section provides typical application diagrams for the following:
Simplified System Level Application Diagram
Power Supply Diagram (1.2V Supplied by Internal Regulator)
Power Supply Diagram (1.2V Supplied by External Source)
Twisted-Pair Interface Diagram (Single Power Supply)
Twisted-Pair Interface Diagram (Dual Power Supplies)
Figure 3.13 Far Loopback Block Diagram
Figure 3.14 Connector Loopback Block Diagram
Far-end system
SMSC
Ethernet Transceiver
10/100
Ethernet
MAC
CAT-5
XFMR
Digital
RXD
TXD
Analog
RX
TX
Link
Partner
X
X
SMSC
Ethernet Transceiver
10/100
Ethernet
MAC
XFMR
Digital
RXD
TXD
Analog
RX
TX
1
2
3
4
5
6
7
8
RJ45 Loopback Cable.
Created by connecting pin 1 to pin 3
and connecting pin 2 to pin 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com