Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 64 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 64 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 60Page - SMSC Corporation LAN8720AI Datasheet HTML 61Page - SMSC Corporation LAN8720AI Datasheet HTML 62Page - SMSC Corporation LAN8720AI Datasheet HTML 63Page - SMSC Corporation LAN8720AI Datasheet HTML 64Page - SMSC Corporation LAN8720AI Datasheet HTML 65Page - SMSC Corporation LAN8720AI Datasheet HTML 66Page - SMSC Corporation LAN8720AI Datasheet HTML 67Page - SMSC Corporation LAN8720AI Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.4 (08-23-12)
64
SMSC LAN8720A/LAN8720Ai
DATASHEET
5.2
Operating Conditions**
Supply Voltage (VDDIO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.62V to +3.6V
Analog Port Supply Voltage (VDD1A, VDD2A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.0V to +3.6V
Digital Core Supply Voltage (VDDCR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.14V to +1.26V
Ethernet Magnetics Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.25V to +3.6V
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 5.4
**Proper operation of the device is guaranteed only within the ranges specified in this section. After
the device has completed power-up, VDDIO and the magnetics power supply must maintain their
voltage level with +/-10%. Varying the voltage greater than +/-10% after the device has completed
power-up can cause errors in device operation.
Note: Do not drive input signals without power supplied to the device.
5.3
Power Consumption
This section details the device power measurements taken over various operating conditions. Unless
otherwise noted, all measurements were taken with power supplies at nominal values (VDDIO, VDD1A,
VDD2A = 3.3V, VDDCR = 1.2V). See Section 3.8.3, "Power-Down Modes," on page 38 for a
description of the power down modes. For more information on the REF_CLK modes, see Section
3.7.4, "nINTSEL: nINT/REFCLKO Configuration," on page 33.
5.3.1
REF_CLK In Mode
Table 5.1 Device Only Current Consumption and Power Dissipation (REF_CLK In Mode)
POWER PIN GROUP
VDDA3.3
POWER
PINS(mA)
VDDCR
POWER
PIN(mA)
VDDIO
POWER
PIN(mA)
TOTAL
CURRENT
(mA)
TOTAL
POWER
(mW)
100BASE-TX /W TRAFFIC
Max
28
21
0.6
49
159
Typical
26
19
0.5
45
148
Min
23
18
0.3
41
96
Note 5.6
10BASE-T /W TRAFFIC
Max
9.7
13
0.6
24
77
Typical
8.9
12
0.5
22
70
Min
8.3
12
0.3
20
42
Note 5.6
ENERGY DETECT POWER
DOWN
Max
4.2
3.0
0.2
7.4
25
Typical
4.1
1.9
0.2
6.2
21
Min
3.9
1.9
0
5.8
16
Note 5.6
GENERAL POWER DOWN
Max
0.4
2.8
0.2
3.4
11.2
Typical
0.3
1.8
0.2
2.3
7.6
Min
0.3
1.7
0
2
3.0
Note 5.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com