Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 72 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 72 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 68Page - SMSC Corporation LAN8720AI Datasheet HTML 69Page - SMSC Corporation LAN8720AI Datasheet HTML 70Page - SMSC Corporation LAN8720AI Datasheet HTML 71Page - SMSC Corporation LAN8720AI Datasheet HTML 72Page - SMSC Corporation LAN8720AI Datasheet HTML 73Page - SMSC Corporation LAN8720AI Datasheet HTML 74Page - SMSC Corporation LAN8720AI Datasheet HTML 75Page - SMSC Corporation LAN8720AI Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.4 (08-23-12)
72
SMSC LAN8720A/LAN8720Ai
DATASHEET
5.5.4.2
RMII Timing (REF_CLK In Mode)
The 50MHz REF_CLK IN timing applies to the case when nINTSEL is floated or pulled-high. In this
mode, a 50MHz clock must be input on the CLKIN pin. For more information on REF_CLK In Mode,
see Section 3.7.4.1, "REF_CLK In Mode," on page 34.
Note 5.17 Timing was designed for system load between 10 pf and 25 pf.
Figure 5.5 RMII Timing (REF_CLK In Mode)
Table 5.10 RMII Timing Values (REF_CLK In Mode)
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
NOTES
tclkp
CLKIN period
20
ns
tclkh
CLKIN high time
tclkp*0.35
tclkp*0.65
ns
tclkl
CLKIN low time
tclkp*0.35
tclkp*0.65
ns
toval
RXD[1:0], RXER, CRS_DV output valid from
rising edge of CLKIN
14.0
ns
Note 5.17
tohold
RXD[1:0], RXER, CRS_DV output hold from
rising edge of CLKIN
3.0
ns
Note 5.17
tsu
TXD[1:0], TXEN setup time to rising edge of
CLKIN
4.0
ns
Note 5.17
tihold
TXD[1:0], TXEN input hold time after rising edge
of CLKIN
1.5
ns
Note 5.17
CLKIN
(REF_CLK)
RXD[1:0],
RXER
CRS_DV
tclkh
tclkl
tclkp
toval
tohold
toval
toval
tohold
tsu
TXD[1:0]
TXEN
tihold
tsu tihold
tihold
tsu
tihold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com