Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 78 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 78 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 71Page - SMSC Corporation LAN8720AI Datasheet HTML 72Page - SMSC Corporation LAN8720AI Datasheet HTML 73Page - SMSC Corporation LAN8720AI Datasheet HTML 74Page - SMSC Corporation LAN8720AI Datasheet HTML 75Page - SMSC Corporation LAN8720AI Datasheet HTML 76Page - SMSC Corporation LAN8720AI Datasheet HTML 77Page - SMSC Corporation LAN8720AI Datasheet HTML 78Page - SMSC Corporation LAN8720AI Datasheet HTML 79Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 78 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.4 (08-23-12)
78
SMSC LAN8720A/LAN8720Ai
DATASHEET
Chapter 7 Datasheet Revision History
Table 7.1 Customer Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 1.4
(08-23-12)
Section 4.2.2, "Basic Status
Register," on page 50
Updated definitions of bits 10:8.
Section 4.2.11, "Special
Control/Status Indications
Register," on page 59
Updated bit 11 definition.
Rev. 1.3
(03-12-12)
Company disclaimer on
page 2
Removed company address and phone numbers.
Rev. 1.3
(04-20-11)
Table 5.9, “RMII Timing
Values (REF_CLK Out
Mode),” on page 71
Updated toval maximum value from 10.0ns to
5.0ns.
Table 2.7, “Power Pins,” on
page 14
Updated VDDCR pin note to include requirement
of 1uF and 470pF decoupling capacitors in parallel
to ground on the VDDCR pin.
Figure 3.16 Power Supply
Diagram (1.2V Supplied by
Internal Regulator) on
page 43 and Figure 3.16
Power Supply Diagram
(1.2V Supplied by Internal
Regulator) on page 43
Updated diagrams to include 1uF and 470pF
decoupling capacitors on the VDDCR pin.
Rev. 1.2 (11-10-10)
Section 5.5.4, "RMII
Interface Timing," on
page 71
Updated diagrams and tables to include RXER.
Section 3.7.4.2, "REF_CLK
Out Mode," on page 34
Added timing note in Section 3.7.4.2, "REF_CLK
Out Mode"
Section 5.5.4, "RMII
Interface Timing," on
page 71
Corrected signal names on RMII timing diagrams
and tables. Updated Table 5.9 toval, tohold, tsu, and
tihold with 10 ns, 1.4 ns, 7.0 ns, and 2.0 ns,
respectively.
Table 5.8, “Power-On nRST
& Configuration Strap
Timing Values,” on page 70
Updated todad description: “Output drive after
nRST deassertion”
Rev. 1.1 (04-09-10)
Section 5.1, "Absolute
Maximum Ratings*"
Modified “HBM ESD Performance by adding “per
JEDEC JESD22-A114” and changed “+/-5kV” to
“Class 3A”
Section 5.3, "Power
Consumption," on page 64
Corrected typo in the current consumption table
row title: “100BASE-TX /W TRAFFIC”
Section 5.3, "Power
Consumption," on page 64
Corrected typo in note regarding Ethernet
component current:
“The Ethernet component current is typically 41mA
in 100BASE-TX mode and 100mA in 10BASE-T
mode, independent of the 2.5V or 3.3V supply rail
of the transformer.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com