Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 35 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 35 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 31Page - SMSC Corporation LAN8720AI Datasheet HTML 32Page - SMSC Corporation LAN8720AI Datasheet HTML 33Page - SMSC Corporation LAN8720AI Datasheet HTML 34Page - SMSC Corporation LAN8720AI Datasheet HTML 35Page - SMSC Corporation LAN8720AI Datasheet HTML 36Page - SMSC Corporation LAN8720AI Datasheet HTML 37Page - SMSC Corporation LAN8720AI Datasheet HTML 38Page - SMSC Corporation LAN8720AI Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
SMSC LAN8720A/LAN8720Ai
35
Revision 1.4 (08-23-12)
DATASHEET
In some system architectures, a 25MHz clock source is available. The device can be used to generate
the REF_CLK to the MAC as shown in Figure 3.9. It is important to note that in this specific example,
only a 25MHz clock can be used (clock cannot be 50MHz). Similar to the 25MHz crystal mode, the
nINT function is disabled.
Figure 3.8 Sourcing REF_CLK from a 25MHz Crystal
LAN8720A/LAN8720Ai
10/100 PHY
24-QFN
RMII
TXP
TXN
Mag
RJ45
RXP
RXN
25MHz
XTAL1/CLKIN
XTAL2
LED[2:1]
2
Interface
nRST
TXD[1:0]
2
RXD[1:0]
CRS_DV
2
RMII
MDIO
MDC
TXEN
REFCLKO
MAC
Capable of
accepting 50MHz
clock
Note: nINT not available in
this configuration
RXER
REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com