Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 29 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 29 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 25Page - SMSC Corporation LAN8720AI Datasheet HTML 26Page - SMSC Corporation LAN8720AI Datasheet HTML 27Page - SMSC Corporation LAN8720AI Datasheet HTML 28Page - SMSC Corporation LAN8720AI Datasheet HTML 29Page - SMSC Corporation LAN8720AI Datasheet HTML 30Page - SMSC Corporation LAN8720AI Datasheet HTML 31Page - SMSC Corporation LAN8720AI Datasheet HTML 32Page - SMSC Corporation LAN8720AI Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
SMSC LAN8720A/LAN8720Ai
29
Revision 1.4 (08-23-12)
DATASHEET
3.6
Interrupt Management
The device management interface supports an interrupt capability that is not a part of the IEEE 802.3
specification. This interrupt capability generates an active low asynchronous interrupt signal on the
nINT output whenever certain events are detected as setup by the Interrupt Mask Register.
The device’s interrupt system provides two modes, a Primary Interrupt mode and an Alternative
interrupt mode. Both systems will assert the nINT pin low when the corresponding mask bit is set.
These modes differ only in how they de-assert the nINT interrupt output. These modes are detailed in
the following subsections.
Note: The Primary interrupt mode is the default interrupt mode after a power-up or hard reset. The
Alternative interrupt mode requires setup after a power-up or hard reset.
3.6.1
Primary Interrupt System
The Primary interrupt system is the default interrupt mode (ALTINT bit of the Mode Control/Status
Register is “0”). The Primary interrupt system is always selected after power-up or hard reset. In this
mode, to set an interrupt, set the corresponding mask bit in the Interrupt Mask Register (see Table 3.2).
Then when the event to assert nINT is true, the nINT output will be asserted. When the corresponding
event to deassert nINT is true, then the nINT will be de-asserted.
Note 3.1
If the mask bit is enabled and nINT has been de-asserted while ENERGYON is still high,
nINT will assert for 256 ms, approximately one second after ENERGYON goes low when
the Cable is unplugged. To prevent an unexpected assertion of nINT, the ENERGYON
interrupt mask should always be cleared as part of the ENERGYON interrupt service
routine.
Table 3.2 Interrupt Management Table
MASK
INTERRUPT SOURCE
FLAG
INTERRUPT SOURCE
EVENT TO
ASSERT nINT
EVENT TO
DE-ASSERT nINT
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1
(Note 3.1)
Falling 17.1 or
Reading register 29
30.6
29.6
Auto-Negotiation
complete
1.5
Auto-Negotiate
Complete
Rising 1.5
Falling 1.5 or
Reading register 29
30.5
29.5
Remote Fault
Detected
1.4
Remote Fault
Rising 1.4
Falling 1.4, or
Reading register 1 or
Reading register 29
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
Reading register 1 or
Reading register 29
30.3
29.3
Auto-Negotiation
LP Acknowledge
5.14
Acknowledge
Rising 5.14
Falling 5.14 or
Read register 29
30.2
29.2
Parallel Detection
Fault
6.4
Parallel
Detection Fault
Rising 6.4
Falling 6.4 or
Reading register 6, or
Reading register 29
or
Re-Auto Negotiate or
Link down
30.1
29.1
Auto-Negotiation
Page Received
6.1
Page Received
Rising 6.1
Falling of 6.1 or
Reading register 6, or
Reading register 29
Re-Auto Negotiate, or
Link Down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com