Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 28Page - SMSC Corporation LAN8720AI Datasheet HTML 29Page - SMSC Corporation LAN8720AI Datasheet HTML 30Page - SMSC Corporation LAN8720AI Datasheet HTML 31Page - SMSC Corporation LAN8720AI Datasheet HTML 32Page - SMSC Corporation LAN8720AI Datasheet HTML 33Page - SMSC Corporation LAN8720AI Datasheet HTML 34Page - SMSC Corporation LAN8720AI Datasheet HTML 35Page - SMSC Corporation LAN8720AI Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.4 (08-23-12)
32
SMSC LAN8720A/LAN8720Ai
DATASHEET
The MODE[2:0] hardware configuration pins are multiplexed with other signals as shown in Table 3.5.
3.7.3
REGOFF: Internal +1.2V Regulator Configuration
The incorporation of flexPWR technology provides the ability to disable the internal +1.2V regulator.
When the regulator is disabled, an external +1.2V must be supplied to the VDDCR pin. Disabling the
internal +1.2V regulator makes it possible to reduce total system power, since an external switching
regulator with greater efficiency (versus the internal linear regulator) can be used to provide +1.2V to
the transceiver circuitry.
Note: Because the REGOFF configuration strap shares functionality with the LED1 pin, proper
consideration must also be given to the LED polarity. Refer to Section 3.8.1.1, "REGOFF and
LED1 Polarity Selection," on page 37 for additional information on the relation between
REGOFF and the LED1 polarity.
Table 3.4 MODE[2:0] Bus
MODE[2:0]
MODE DEFINITIONS
DEFAULT REGISTER BIT VALUES
REGISTER 0
REGISTER 4
[13,12,10,8]
[8,7,6,5]
000
10Base-T Half Duplex. Auto-negotiation disabled.
0000
N/A
001
10Base-T Full Duplex. Auto-negotiation disabled.
0001
N/A
010
100Base-TX Half Duplex. Auto-negotiation
disabled.
CRS is active during Transmit & Receive.
1000
N/A
011
100Base-TX Full Duplex. Auto-negotiation disabled.
CRS is active during Receive.
1001
N/A
100
100Base-TX Half Duplex is advertised. Auto-
negotiation enabled.
CRS is active during Transmit & Receive.
1100
0100
101
Repeater mode. Auto-negotiation enabled.
100Base-TX Half Duplex is advertised.
CRS is active during Receive.
1100
0100
110
Power Down mode. In this mode the transceiver will
wake-up in Power-Down mode. The transceiver
cannot be used when the MODE[2:0] bits are set to
this mode. To exit this mode, the MODE bits in
Register 18.7:5(see Section 4.2.9, "Special Modes
Register," on page 57) must be configured to some
other value and a soft reset must be issued.
N/A
N/A
111
All capable. Auto-negotiation enabled.
X10X
1111
Table 3.5 Pin Names for Mode Bits
MODE BIT
PIN NAME
MODE[0]
RXD0/MODE0
MODE[1]
RXD1/MODE1
MODE[2]
CRS_DV/MODE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com