Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 28 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 28 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 24Page - SMSC Corporation LAN8720AI Datasheet HTML 25Page - SMSC Corporation LAN8720AI Datasheet HTML 26Page - SMSC Corporation LAN8720AI Datasheet HTML 27Page - SMSC Corporation LAN8720AI Datasheet HTML 28Page - SMSC Corporation LAN8720AI Datasheet HTML 29Page - SMSC Corporation LAN8720AI Datasheet HTML 30Page - SMSC Corporation LAN8720AI Datasheet HTML 31Page - SMSC Corporation LAN8720AI Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.4 (08-23-12)
28
SMSC LAN8720A/LAN8720Ai
DATASHEET
3.5
Serial Management Interface (SMI)
The Serial Management Interface is used to control the device and obtain its status. This interface
supports registers 0 through 6 as required by Clause 22 of the 802.3 standard, as well as “vendor-
specific” registers 16 to 31 allowed by the specification. Non-supported registers (such as 7 to 15) will
be read as hexadecimal “FFFF”. Device registers are detailed in Chapter 4, "Register Descriptions,"
on page 47.
At the system level, SMI provides 2 signals: MDIO and MDC. The MDC signal is an aperiodic clock
provided by the station management controller (SMC). MDIO is a bi-directional data SMI input/output
signal that receives serial data (commands) from the controller SMC and sends serial data (status) to
the SMC. The minimum time between edges of the MDC is 160 ns. There is no maximum time
between edges. The minimum cycle time (time between two consecutive rising or two consecutive
falling edges) is 400 ns. These modest timing requirements allow this interface to be easily driven by
the I/O port of a microcontroller.
The data on the MDIO line is latched on the rising edge of the MDC. The frame structure and timing
of the data is shown in Figure 3.5 and Figure 3.6. The timing relationships of the MDIO signals are
further described in Section 5.5.5, "SMI Timing," on page 73.
Figure 3.5 MDIO Timing and Frame Structure - READ Cycle
Figure 3.6 MDIO Timing and Frame Structure - WRITE Cycle
MDC
MDIO
Read Cycle
...
32 1's
0110
A4
A3
A2
A1
A0
R4
R3
R2
R1
R0
D1
...
D15
D14
D0
Preamble
Start of
Frame
OP
Code
PHY Address
Register Address
Turn
Around
Data
Data From Phy
Data To Phy
MDC
MDIO
...
32 1's
0
1
1
0
A4A3A2A1A0
R4
R3
R2
R1
R0
Write Cycle
D15
D14
D1
D0
...
Data
Preamble
Start of
Frame
OP
Code
PHY Address
Register Address
Turn
Around
Data To Phy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com