Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 25 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 25 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 21Page - SMSC Corporation LAN8720AI Datasheet HTML 22Page - SMSC Corporation LAN8720AI Datasheet HTML 23Page - SMSC Corporation LAN8720AI Datasheet HTML 24Page - SMSC Corporation LAN8720AI Datasheet HTML 25Page - SMSC Corporation LAN8720AI Datasheet HTML 26Page - SMSC Corporation LAN8720AI Datasheet HTML 27Page - SMSC Corporation LAN8720AI Datasheet HTML 28Page - SMSC Corporation LAN8720AI Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
SMSC LAN8720A/LAN8720Ai
25
Revision 1.4 (08-23-12)
DATASHEET
Writing the bits 8 through 5 of the Auto Negotiation Advertisement Register allows software control of
the capabilities advertised by the transceiver. Writing the Auto Negotiation Advertisement Register
does not automatically re-start auto-negotiation. The Restart Auto-Negotiate bit of the Basic Control
Register must be set before the new abilities will be advertised. Auto-negotiation can also be disabled
via software by clearing the Auto-Negotiation Enable bit of the Basic Control Register.
Note: The device does not support “Next Page” capability.
3.2.1
Parallel Detection
If the LAN8720A/LAN8720Ai is connected to a device lacking the ability to auto-negotiate (i.e. no FLPs
are detected), it is able to determine the speed of the link based on either 100M MLT-3 symbols or
10M Normal Link Pulses. In this case the link is presumed to be half duplex per the IEEE standard.
This ability is known as “Parallel Detection.” This feature ensures interoperability with legacy link
partners. If a link is formed via parallel detection, then the Link Partner Auto-Negotiation Able bit of the
Auto Negotiation Expansion Register is cleared to indicate that the Link Partner is not capable of auto-
negotiation. The controller has access to this information via the management interface. If a fault
occurs during parallel detection, the Parallel Detection Fault bit of Link Partner Auto-Negotiation Able
is set.
Auto Negotiation Link Partner Ability Register is used to store the link partner ability information, which
is coded in the received FLPs. If the link partner is not auto-negotiation capable, then the Auto
Negotiation Link Partner Ability Register is updated after completion of parallel detection to reflect the
speed capability of the link partner.
3.2.2
Restarting Auto-negotiation
Auto-negotiation can be restarted at any time by setting the Restart Auto-Negotiate bit of the Basic
Control Register. Auto-negotiation will also restart if the link is broken at any time. A broken link is
caused by signal loss. This may occur because of a cable break, or because of an interruption in the
signal transmitted by the link partner. Auto-negotiation resumes in an attempt to determine the new
link configuration.
If the management entity re-starts auto-negotiation by setting the Restart Auto-Negotiate bit of the
Basic Control Register, the LAN8720A/LAN8720Ai will respond by stopping all transmission/receiving
operations. Once the break_link_timer is completed in the Auto-negotiation state-machine
(approximately 1200ms), auto-negotiation will re-start. In this case, the link partner will have also
dropped the link due to lack of a received signal, so it too will resume auto-negotiation.
3.2.3
Disabling Auto-negotiation
Auto-negotiation can be disabled by setting the Auto-Negotiation Enable bit of the Basic Control
Register to zero. The device will then force its speed of operation to reflect the information in the Basic
Control Register (Speed Select bit and Duplex Mode bit). These bits should be ignored when auto-
negotiation is enabled.
3.2.4
Half vs. Full Duplex
Half duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access / Collision Detect)
protocol to handle network traffic and collisions. In this mode, the carrier sense signal, CRS, responds
to both transmit and receive activity. If data is received while the transceiver is transmitting, a collision
results.
In full duplex mode, the transceiver is able to transmit and receive data simultaneously. In this mode,
CRS responds only to receive activity. The CSMA/CD protocol does not apply and collision detection
is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com