Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 79 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 79 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 71Page - SMSC Corporation LAN8720AI Datasheet HTML 72Page - SMSC Corporation LAN8720AI Datasheet HTML 73Page - SMSC Corporation LAN8720AI Datasheet HTML 74Page - SMSC Corporation LAN8720AI Datasheet HTML 75Page - SMSC Corporation LAN8720AI Datasheet HTML 76Page - SMSC Corporation LAN8720AI Datasheet HTML 77Page - SMSC Corporation LAN8720AI Datasheet HTML 78Page - SMSC Corporation LAN8720AI Datasheet HTML 79Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 79 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
SMSC LAN8720A/LAN8720Ai
79
Revision 1.4 (08-23-12)
DATASHEET
Table 5.3, “Non-Variable I/O
Buffer Characteristics,” on
page 66
Corrected O12 VOH minimum value to “VDD2A -
0.4”
Corrected ICLK VILI maximum value to “0.35”
Corrected ICLK VIHI maximum value to “VDD2A +
0.4”
Section 5.2, "Operating
Conditions**," on page 64
Added note: “Do not drive input signals without
power supplied to the device.”
Section 5.1, "Absolute
Maximum Ratings*," on
page 63
Corrected IEC61000-4-2 Contact Discharge ESD
Performance to +/-8kV.
Section 4.2.4, "PHY
Identifier 2 Register," on
page 52
Corrected Model Number default value to
“001111b”.
Section 3.8.8.2, "Far
Loopback," on page 40
Added far loopback description.
Section 4.2.8, "Mode
Control/Status Register," on
page 56
Added FARLOOPBACK (bit 9) description.
Rev. 1.0 (12-09-09)
Document reworked for clarity and consistency with other SMSC documentation.
Rev. 1.0 (04-15-09)
Initial Release
Table 7.1 Customer Revision History (continued)
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com