Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 12 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 12 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 8Page - SMSC Corporation LAN8720AI Datasheet HTML 9Page - SMSC Corporation LAN8720AI Datasheet HTML 10Page - SMSC Corporation LAN8720AI Datasheet HTML 11Page - SMSC Corporation LAN8720AI Datasheet HTML 12Page - SMSC Corporation LAN8720AI Datasheet HTML 13Page - SMSC Corporation LAN8720AI Datasheet HTML 14Page - SMSC Corporation LAN8720AI Datasheet HTML 15Page - SMSC Corporation LAN8720AI Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.4 (08-23-12)
12
SMSC LAN8720A/LAN8720Ai
DATASHEET
Note 2.2
Configuration strap values are latched on power-on reset and system reset. Configuration
straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load. Refer to
Section 3.7, "Configuration Straps," on page 31 for additional information.
1
LED 2
LED2
O12
Link Speed LED Indication. This pin is driven
active when the operating speed is 100Mbps. It
is inactive when the operating speed is 10Mbps
or during line isolation.
Note:
Refer to Section 3.8.1, "LEDs," on
page 37 for additional LED information.
nINT/
REFCLKO
Function
Select
Configuration
Strap
nINTSEL
IS
(PU)
This configuration strap selects the mode of the
nINT/REFCLKO pin.
When nINTSEL is floated or pulled to VDD2A,
nINT is selected for operation on the
nINT/REFCLKO pin (default).
When nINTSEL is pulled low to VSS,
REFCLKO is selected for operation on the
nINT/REFCLKO pin.
See Note 2.2 for more information on
configuration straps.
Note:
Refer to See Section 3.8.1.2, "nINTSEL
and LED2 Polarity Selection," on
page 37 for additional information.
Table 2.3 Serial Management Interface (SMI) Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
SMI Data
Input/Output
MDIO
VIS/
VOD8
Serial Management Interface data input/output
1
SMI Clock
MDC
VIS
Serial Management Interface clock
Table 2.4 Ethernet Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
Ethernet
TX/RX
Positive
Channel 1
TXP
AIO
Transmit/Receive Positive Channel 1
1
Ethernet
TX/RX
Negative
Channel 1
TXN
AIO
Transmit/Receive Negative Channel 1
Table 2.2 LED Pins (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com