Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8720AI Datasheet(PDF) 34 Page - SMSC Corporation

Part # LAN8720AI
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720AI Datasheet(HTML) 34 Page - SMSC Corporation

Back Button LAN8720AI Datasheet HTML 30Page - SMSC Corporation LAN8720AI Datasheet HTML 31Page - SMSC Corporation LAN8720AI Datasheet HTML 32Page - SMSC Corporation LAN8720AI Datasheet HTML 33Page - SMSC Corporation LAN8720AI Datasheet HTML 34Page - SMSC Corporation LAN8720AI Datasheet HTML 35Page - SMSC Corporation LAN8720AI Datasheet HTML 36Page - SMSC Corporation LAN8720AI Datasheet HTML 37Page - SMSC Corporation LAN8720AI Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.4 (08-23-12)
34
SMSC LAN8720A/LAN8720Ai
DATASHEET
3.7.4.1
REF_CLK In Mode
In REF_CLK In Mode, the 50MHz REF_CLK is driven on the XTAL1/CLKIN pin. A 50MHz source for
REF_CLK must be available external to the device when using this mode. The clock is driven to both
the MAC and PHY as shown in Figure 3.7.
3.7.4.2
REF_CLK Out Mode
To reduce BOM cost, the device includes a feature to generate the RMII REF_CLK signal from a low-
cost, 25MHz fundamental crystal. This type of crystal is inexpensive in comparison to 3rd overtone
crystals that would normally be required for 50MHz. The MAC must be capable of operating with an
external clock to take advantage of this feature as shown in Figure 3.8.
In order to optimize package size and cost, the REFCLKO pin is multiplexed with the nINT pin. In
REF_CLK Out mode, the nINT functionality is disabled to accommodate usage of REFCLKO as a
50MHz clock to the MAC.
Note: The REF_CLK Out Mode is not part of the RMII Specification. Timing in this mode is not
compliant with the RMII specification. To ensure proper system operation, a timing analysis of
the MAC and LAN8720 must be performed.
Figure 3.7 External 50MHz clock sources the REF_CLK
LAN8720A/LAN8720Ai
10/100 PHY
24-QFN
RMII
TXP
TXN
Mag
RJ45
RXP
RXN
XTAL1/CLKIN
XTAL2
TXD[1:0]
2
RXD[1:0]
CRS_DV
2
RMII
LED[2:1]
2
Interface
MDIO
MDC
nINT
nRST
TXEN
MAC
Accepts external
50MHz clock
50MHz
Reference
Clock
All RMII signals are
synchronous to the supplied
clock
REF_CLK
RXER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com