Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 115 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 111Page - STMicroelectronics STA381BW Datasheet HTML 112Page - STMicroelectronics STA381BW Datasheet HTML 113Page - STMicroelectronics STA381BW Datasheet HTML 114Page - STMicroelectronics STA381BW Datasheet HTML 115Page - STMicroelectronics STA381BW Datasheet HTML 116Page - STMicroelectronics STA381BW Datasheet HTML 117Page - STMicroelectronics STA381BW Datasheet HTML 118Page - STMicroelectronics STA381BW Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 174 page
background image
DocID018835 Rev 8
115/174
STA381BW
Register description: Sound Terminal compatibility
7.3
Configuration register C (addr 0x02)
7.3.1
FFX compensating pulse size register
Table 6:
7.4
Configuration register D (addr 0x03)
7.4.1
DSP bypass
Setting the DSPB bit bypasses the EQ function of the STA381BW.
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
CSZ3
CSZ2
CSZ1
CSZ0
Reserved
Reserved
10010111
Table 112. FFX compensating pulse size bits
Bit
R/W
RST
Name
Description
2
R/W
1
CSZ0
When OM[1,0] = 11, this register determines the size
of the FFX compensating pulse from 0 clock ticks to
15 clock periods.
3
R/W
1
CSZ1
4
R/W
1
CSZ2
5
R/W
0
CSZ3
Table 113. Compensating pulse size
CSZ[3:0]
Compensating pulse size
0000
0 ns (0 ticks) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 ticks) clock period compensating pulse size
D7
D6
D5
D4
D3
D2
D1
D0
SME
ZDE
Reserved
BQL
PSL
DSPB
Reserved
Reserved
00011000
Table 114. DSP bypass
Bit
R/W
RST
Name
Description
2
R/W
0
DSPB
0: Normal operation
1: Bypass of biquad and bass/treble functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com