Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 116 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 112Page - STMicroelectronics STA381BW Datasheet HTML 113Page - STMicroelectronics STA381BW Datasheet HTML 114Page - STMicroelectronics STA381BW Datasheet HTML 115Page - STMicroelectronics STA381BW Datasheet HTML 116Page - STMicroelectronics STA381BW Datasheet HTML 117Page - STMicroelectronics STA381BW Datasheet HTML 118Page - STMicroelectronics STA381BW Datasheet HTML 119Page - STMicroelectronics STA381BW Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BW
116/174
DocID018835 Rev 8
7.4.2
Post-scale link
Post-scale functionality can be used for power supply error correction. For multi-channel
applications running off the same power supply, the post-scale values can be linked to the
value of channel 1 for ease of use and in order to update the values faster.
7.4.3
Biquad coefficient link
For ease of use, all channels can use the biquad coefficients loaded into the channel-1
coefficient RAM space by setting the BQL bit to 1. Therefore, any EQ updates only have to
be performed once.
7.4.4
Zero-detect mute enable
Refer to 7.24: Enhanced zero-detect mute and input level measurement (address 0x50-
0x54, 0x2E, 0x2F and 0x5E).
7.4.5
Submix mode enable
7.5
Configuration register E (addr 0x04)
Table 115. Post-scale link
Bit
R/W
RST
Name
Description
3
R/W
1
PSL
0: Each channel uses individual post-scale value
1: Each channel uses channel 1 post-scale value
Table 116. Biquad coefficient link
Bit
R/W
RST
Name
Description
4
R/W
1
BQL
0: Each channel uses coefficient values
1: Each channel uses channel 1 coefficient values
Table 117. Zero-detect mute enable
Bit
R/W
RST
Name
Description
6
R/W
0
ZDE
Setting of 1 enables the automatic zero-detect mute
Setting of 0 disables the automatic zero-detect mute
Table 118. Submix mode enable
Bit
R/W
RST
Name
Description
7
R/W
0
SME
0: Submix into left/right disabled
1: Submix into left/right enabled
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
Reserved
PWMS
AME
NSBW
Reserved
Reserved
10000010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com