Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 144 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 140Page - STMicroelectronics STA381BW Datasheet HTML 141Page - STMicroelectronics STA381BW Datasheet HTML 142Page - STMicroelectronics STA381BW Datasheet HTML 143Page - STMicroelectronics STA381BW Datasheet HTML 144Page - STMicroelectronics STA381BW Datasheet HTML 145Page - STMicroelectronics STA381BW Datasheet HTML 146Page - STMicroelectronics STA381BW Datasheet HTML 147Page - STMicroelectronics STA381BW Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BW
144/174
DocID018835 Rev 8
7.13
Fault-detect recovery constant registers (addr 0x2B - 0x2C)
The FDRC bits specify the 16-bit fault-detect recovery time delay. When FAULT is asserted,
the TRISTATE output is immediately asserted low and held low for the time period specified
by this constant. A constant value of 0x0001 in this register is approximately 0.083 ms. The
default value of 0x300C gives approximately 1 sec.
0x0000 is a reserved value.
7.14
Device status register (addr 0x2D)
This read-only register provides fault and thermal-warning status information from the power
control block. Logic value 1 for faults or warning means normal state. Logic 0 means a fault
or warning detected on power bridge. The PLLUL = 1 means that the PLL is not locked.
7.15
EQ coefficients configuration register (addr 0x31)
The XOB bit can be used to bypass the crossover filters. Logic 1 means that the function is
not active. In this case, the high-pass crossover filter works as a pass-through on the data
path (b=0, all the other coefficients at logic 0 ) while the low-pass filter is configured to have
zero signal on channel 3 data processing (all the coefficients are at logic 0).
D7
D6
D5
D4
D3
D2
D1
D0
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
00110000
D7
D6
D5
D4
D3
D2
D1
D0
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
00001100
D7
D6
D5
D4
D3
D2
D1
D0
PLLUL
FAULT
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 153. Status register bits
Bit
R/W
RST
Name
Description
7
R
-
PLLUL
0: PLL locked
1: PLL not locked
6
R
-
FAULT
0: fault detected on power bridge
1: normal operation
D7
D6
D5
D4
D3
D2
D1
D0
XOB
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com