Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 146 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 142Page - STMicroelectronics STA381BW Datasheet HTML 143Page - STMicroelectronics STA381BW Datasheet HTML 144Page - STMicroelectronics STA381BW Datasheet HTML 145Page - STMicroelectronics STA381BW Datasheet HTML 146Page - STMicroelectronics STA381BW Datasheet HTML 147Page - STMicroelectronics STA381BW Datasheet HTML 148Page - STMicroelectronics STA381BW Datasheet HTML 149Page - STMicroelectronics STA381BW Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BW
146/174
DocID018835 Rev 8
Sub-band decomposition
The sub-band decomposition for B2DRC can be configured specifying the cutoff frequency.
The cutoff frequency can be programmed in two ways, using the XO bits in register 0x0C, or
using the “user programmable” mode (coefficients stored in RAM addresses 0x28 to 0x31).
For the user-programmable mode, use the formulas below to compute the high-pass filters:
where alpha = (1-sin(
0))/cos(0), and 0 is the cutoff frequency.
A first-order filter is suggested to guarantee that for every
0 the corresponding low-pass
filter obtained as difference (as shown in Figure 26) will have a symmetric (relative to the HP
filter) frequency response, and the corresponding recombination after the DRC has low
ripple. Second-order filters can be used as well, but in this case the filter shape must be
carefully chosen to provide good low-pass response and minimum ripple recombination. For
second-order filters, it is not possible to give a closed formula to get the best coefficients,
but empirical adjustment should be done.
DRC settings
The DRC blocks used by B2DRC are the same as those described in Chapter 7.11. B2DRC
configure automatically the DRC blocks in anticlipping mode. Attack and release thresholds
can be selected using registers 0x32, 0x33, 0x34, 0x35, while attack and release rates are
configured by registers 0x12 and 0x14.
Band downmixing
The low-frequency band is down-mixed to the left and right channels at the B2DRC output.
Channel volume can be used to weight the bands recombination to fine-tune the overall
frequency response.
7.16.2
Extended post-scale range
Table 154. Extended post-scale range
Post-scale is an attenuation by default. When PS48DB is set to 1, a 48-dB offset is applied
to the coefficient RAM value, so post-scale can act as a gain too.
b0 = (1 + alpha) / 2
a0 = 1
b1 = -(1 + alpha) / 2
a1 = -alpha
b2 = 0
a2 = 0
PS48DB
Mode
0
Post-scale value is applied as defined in coefficient RAM
1
Post-scale value is applied with +48 dB offset with respect to the
coefficient RAM value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com