Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 149 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 145Page - STMicroelectronics STA381BW Datasheet HTML 146Page - STMicroelectronics STA381BW Datasheet HTML 147Page - STMicroelectronics STA381BW Datasheet HTML 148Page - STMicroelectronics STA381BW Datasheet HTML 149Page - STMicroelectronics STA381BW Datasheet HTML 150Page - STMicroelectronics STA381BW Datasheet HTML 151Page - STMicroelectronics STA381BW Datasheet HTML 152Page - STMicroelectronics STA381BW Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 174 page
background image
DocID018835 Rev 8
149/174
STA381BW
Register description: Sound Terminal compatibility
7.18
Extra volume resolution configuration registers (address
0x3F; 0x40)
Extra volume resolution allows fine volume tuning by steps of 0.125 dB.
The feature is enabled when VRESEN=1, as depicted in Figure 43. The overall channel
volume in this case will be CxVol+CxVR (in dB), while the master volume will be
MVOL+MVR (in dB).
Figure 43. Extra resolution volume scheme
If VRESEN = 0 the channel volume will be defined only by the CxVol registers.
Fine tuning steps can be set according to the following table for channels 1, 2,3, and master
volume.
Table 162. Volume fine-tuning steps
D7
D6
D5
D4
D3
D2
D1
D0
VRESEN
VRESTG
C3VR[1]
C3VR[0]
C2VR[1]
C2VR[0]
C1VR[1]
C1VR[0]
10000000
D7
D6
D5
D4
D3
D2
D1
D0
reserved
reserved
reserved
reserved
reserved
reserved
MVR[1]
MVR[0]
00000000
CxVR/MVR
Mode
00
0 dB
01
-0.125 dB
10
-0.25 dB
11
-0.375 dB
Audio Data Out
CxVOL
Soft
Volume
X
X
Audio Data In
VRESEN
VRESTG
CxVR
MVOL or CxVOL’event
1
0
0
1
Audio Data Out
CxVOL
Soft
Volume
X
X
Audio Data In
VRESEN
VRESTG
CxVR
MVOL or CxVOL’event
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com