Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 150 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 146Page - STMicroelectronics STA381BW Datasheet HTML 147Page - STMicroelectronics STA381BW Datasheet HTML 148Page - STMicroelectronics STA381BW Datasheet HTML 149Page - STMicroelectronics STA381BW Datasheet HTML 150Page - STMicroelectronics STA381BW Datasheet HTML 151Page - STMicroelectronics STA381BW Datasheet HTML 152Page - STMicroelectronics STA381BW Datasheet HTML 153Page - STMicroelectronics STA381BW Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BW
150/174
DocID018835 Rev 8
Two different behaviors can be configured by the VRESTG bit.
If VRESTG=’0’ the CxVR contribution will be applied immediately after the corresponding
I2C bits are written.
If VRESTG=’1’ the CxVR bits will be effective on channel volume only after the
corresponding CxVol register or master volume register is written (even to the previous
values).
Table 163. Extra volume resolution enable
7.19
PLL configuration registers (address 0x41; 0x42; 0x43; 0x44;
0x45; 0X46)
By default the STA381BW is able to configure the embedded PLL automatically depending
on the MCS bits (reg 0x00). For certain applications and to provide flexibility to the user, a
manual PLL configuration can be used (setting PLL_DIRP to ‘1’).
VRESEN
VRESTG
Mode
0
0
Extra volume resolution disabled
0
1
Extra volume resolution disabled
1
0
Fine volume tuning enabled and applied immediately
11
Fine volume tuning enabled and applied when master or
channel volume is updated
D7
D6
D5
D4
D3
D2
D1
D0
PLL_FRAC[15:8]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
PLL_FRAC[7:0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
PLL_DITH[1:0]
PLL_NDIV[5:0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
PLL_DPD
PLL_FCT
PLL_STB
PLL_STBBYP
PLL_IDIV(3:0)
00000000
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
PLL_DIRP
PLL_PWD
PLL_BYP
OSC_PD
Reserved
BOOST32K
00000100
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
Reserved
BYPSTATE
PDSTATE
OSCOK
LOWCK
NA
NA
NA
NA
NA
NA
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com