Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 173 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 173 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 166Page - STMicroelectronics STA381BW Datasheet HTML 167Page - STMicroelectronics STA381BW Datasheet HTML 168Page - STMicroelectronics STA381BW Datasheet HTML 169Page - STMicroelectronics STA381BW Datasheet HTML 170Page - STMicroelectronics STA381BW Datasheet HTML 171Page - STMicroelectronics STA381BW Datasheet HTML 172Page - STMicroelectronics STA381BW Datasheet HTML 173Page - STMicroelectronics STA381BW Datasheet HTML 174Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 173 / 174 page
background image
DocID018835 Rev 8
173/174
STA381BW
Revision history
10
Revision history
Table 184. Document revision history
Date
Revision
Changes
08-Jun-2011
1
Initial release
28-Jun-2011
2
Removed TQFP64 package option
02-Sep-2011
3
Added note to Figure 46, 47, 48, 49, 50, and
Section 8.2: Headphone and 2 Vrms line out, referencing AN3959
20-Dec-2011
4
Updated names of pin 32 and 33 in Figure 1: Block diagram, Figure 2: Pin connections
VQFN48 (top view) and Table 2: Pin list
Document promoted from preliminary to full datasheet
17-Jan-2012
5
Added “VDD3V3CHP” to Table 3 and Table 5
Updated footnotes in Table 7
Updated register names to “SVUP” and “SVDN” for addresses 37 and 38 in Table 100
Updated text in Table 46 andTable 121: PWM speed mode
Updated 2.0 channels, two full-bridges (OCFG = 00) on page 121
Updated 2.1 channels, two full-bridges + one external full-bridge (OCFG = 10) on
page 123
Updated high-pass filter in Table 152
Textual changes to formulas in Section 7.17: EQ soft volume configuration registers (addr
0x37 - 0x38)
20-Jun-2012
6
Added overvoltage protection threshold (VOV) to Table 7: Electrical specifications - power
section
03-Aug-2012
7
Removed ECLE bit and sections concerning “Auto EAPD on clock loss” from datasheet
Updated Table 14: Default register map table: NEW MAP on page 45
Updated Table 100: I2C registers summary on page 106
Updated Section 6.32: Enhanced zero-detect mute and input level measurement
(address 0x61-0x65, 0x3F, 0x40, 0x6F) on page 97
Added Table 90: Manual threshold register 0x3F, 0x40 and 0x6F on page 98
Added Section 6.36: Charge pump synchronization (address 0x70) on page 101
Added Table 98: Charge pump sync configuration bits on page 101
Updated Section 7.24: Enhanced zero-detect mute and input level measurement
(address 0x50-0x54, 0x2E, 0x2F and 0x5E) on page 158
Added Table 174: Manual threshold register 0x2E, 0x2F and 0x5E on page 160
Added Section 7.28: Charge pump synchronization (address 0x5F) on page 163
Added Table 180: Charge pump sync configuration bits on page 163
17-May-2013
8
Added Section 3.6: Power-on/off sequence (added Figure 4 and Figure 5)
Updated description of CHPRD bit in Table 98 and Table 180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com