Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 51Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 52Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 53Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 54Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 55Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 56Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 57Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 58Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
Unit
Max at
85 °C
(1)
Typ
Conditions
Parameter
Symbol
Clock source
Flash mode
(3)
Main voltage
regulator
(MVR)
(2)
μA
260
200
LSI RC osc.
(128 kHz)
Operating mode
On
Supply current in
active halt mode
IDD(AH)
970
HSE crystal osc.
(16 MHz)
Power-down
mode
IDD(AH)
200
150
LSI RC osc.
(128 kHz)
Supply current in
active halt mode
IDD(AH)
80
66
LSI RC osc.
(128 kHz)
Operating mode
Off
IDD(AH)
18
10
Power-down
mode
IDD(AH)
(1) Data based on characterization results, not tested in production
(2) Configured by the REGAH bit in the CLK_ICKR register.
(3) Configured by the AHALT bit in the FLASH_CR1 register.
Total current consumption in halt mode
9.3.2.4
Table 26: Total current consumption in halt mode at VDD = 5 V
Unit
Max at 85
°C
(1)
Typ
Conditions
Parameter
Symbol
μA
75
63
Flash in operating mode, HSI clock
after wakeup
Supply current in halt
mode
IDD(H)
20
6.0
Flash in power-down mode, HSI
clock after wakeup
(1) Data based on characterization results, not tested in production
Table 27: Total current consumption in halt mode at VDD = 3.3 V
Unit
Max at 85
°C
(1)
Typ
Conditions
Parameter
Symbol
μA
75
60
Flash in operating mode, HSI clock
after wakeup
Supply current in halt
mode
IDD(H)
55/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com