Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 65Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 66Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 67Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 68Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 69Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 70Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 71Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 72Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
Unit
Max
Conditions
Parameter
Symbol
2.0
(1)
IIO = 20
mA, VDD =
5 V
Output low level with 2 pins sunk
VOL
(1) Data based on characterization results, not tested in production
Table 40: Output driving current (high sink ports)
Unit
Max
Min
Conditions
Parameter
Symbol
V
0.8
IIO = 10 mA,
VDD = 5 V
Output low level with 8 pins sunk
VOL
V
1.0
(1)
IIO = 10 mA,
VDD = 3.3 V
Output low level with 4 pins sunk
VOL
1.5
(1)
IIO = 20 mA,
VDD = 5 V
Output low level with 4 pins sunk
4.0
IIO = 10 mA,
VDD = 5 V
Output high level with 8 pins sourced
VOH
2.1
(1)
IIO = 10 mA,
VDD = 3.3 V
Output high level with 4 pins sourced
3.3
(1)
IIO = 20 mA,
VDD = 5 V
Output high level with 4 pins sourced
(1) Data based on characterization results, not tested in production
69/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com