Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 45Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 46Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 47Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 48Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 49Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 50Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 51Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 52Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
Operating conditions
9.3
Table 18: General operating conditions
Unit
Max
Min
Conditions
Parameter
Symbol
MHz
16
0
Internal CPU clock frequency
fCPU
V
5.5
2.95
Standard operating voltage
VDD
nF
3300
470
CEXT: capacitance of
external capacitor
VCAP
(1)
Ω
0.3
-
at 1 MHz
(2)
ESR of external
capacitor
nH
15
-
ESL of external
capacitor
mW
238
-
TSSOP20
Power dissipation at TA = 85 °C
for suffix 6
PD
(3)
220
-
UFQFPN20
330
-
LQFP32
°C
85
-40
Maximum power dissipation
Ambient temperature for 6 suffix
version
TA
105
-40
Junction temperature range for
suffix 6
TJ
(1)Care should be taken when selecting the capacitor, due to its tolerance, as well as the parameter
dependency on temperature, DC bias and frequency in addition to other factors. The parameter maximum
value must be respected for the full application range.
(2)This frequency of 1 MHz as a condition for VCAP parameters is given by design of internal regulator.
(3)To calculate P
Dmax(TA), use the formula PDmax =(TJmax- TA)/ΘJA (see Thermal characteristics ) with the
value for TJmax given in the previous table and the value for ΘJA given in Thermal characteristics.
49/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com