Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 44Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 45Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 46Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 47Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 48Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 49Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 50Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 51Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
Unit
Max
(1)
Ratings
Symbol
80
Total current out of VSS ground lines (sink)
(2)
IVSS
20
Output current sunk by any I/O and control pin
IIO
- 20
Output current source by any I/Os and control pin
± 4
Injected current on NRST pin
IINJ(PIN)
(3) (4)
± 4
Injected current on OSCIN pin
± 4
Injected current on any other pin
(5)
± 20
Total injected current (sum of all I/O and control pins)
(5)
ΣI INJ(PIN)
(3)
(1) Data based on characterization results, not tested in production.
(2) All power (V
DD) and ground (VSS) pins must always be connected to the external supply.
(3) I
INJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. For true open-drain
pads, there is no positive injection current, and the corresponding VIN maximum must always be respected
(4) ADC accuracy vs. negative injection current: Injecting negative current on any of the analog input pins
should be avoided as this significantly reduces the accuracy of the conversion being performed on
another analog input. It is recommended to add a Schottky diode (pin to ground) to standard analog pins
which may potentially inject negative current. Any positive injection current within the limits specified for
IINJ(PIN) and ΣIINJ(PIN) in the I/O port pin characteristics section does not affect the ADC accuracy.
(5) When several inputs are submitted to a current injection, the maximum ΣI
INJ(PIN) is the absolute sum
of the positive and negative injected currents (instantaneous values). These results are based on
characterization with ΣIINJ(PIN) maximum current injection on four I/O port pins of the device.
Table 17: Thermal characteristics
Unit
Value
Ratings
Symbol
°C
-65 to +150
Storage temperature range
TSTG
150
Maximum junction temperature
TJ
DocID018576 Rev 3
48/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com