Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 90Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 91Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 92Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 93Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 94Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 95Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 96Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 97Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
Thermal characteristics
11
The maximum chip junction temperature (TJ max) must never exceed the values given in
Operating conditions.
The maximum chip-junction temperature, TJmax, in degrees Celsius, may be calculated using
the following equation:
TJmax = TAmax + (PDmax x ΘJA)
Where:
• TAmax is the maximum ambient temperature in °C
• ΘJA is the package junction-to-ambient thermal resistance in °C/W
• PDmax is the sum of PINTmax and PI/Omax(PDmax = PINTmax + PI/Omax)
• PINTmax is the product of IDDandVDD, expressed in Watts. This is the maximum chip internal
power.
• PI/Omax represents the maximum power dissipation on output pins
Where: PI/Omax =Σ (VOL*IOL) + Σ((VDD-VOH)*IOH), taking into account the actual VOL/IOL and
VOH/IOH of the I/Os at low and high level in the application.
Table 54: Thermal characteristics
Unit
Value
Parameter
(1)
Symbol
°C/W
84
Thermal resistance junction-ambient
TSSOP20 - 4.4 mm
ΘJA
90
Thermal resistance junction-ambient
ΘJA
UFQFPN20 - 3 x 3 mm
60
Thermal resistance junction-ambient
LQFP32 - 7 x 7 mm
ΘJA
(1)Thermal resistances are based on JEDEC JESD51-2 with 4-layer PCB in a natural
convection environment.
Reference document
11.1
JESD51-2 integrated circuits thermal test method environment conditions - natural convection
(still air). Available from www.jedec.org.
Selecting the product temperature range
11.2
When ordering the microcontroller, the temperature range is specified in the order code.
DocID018576 Rev 3
94/100
STM8S003K3 STM8S003F3
Thermal characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com