Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 17Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 18Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 19Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 20Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 21Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 22Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 23Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 24Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Alternate
function
after remap
[option bit]
Default
alternate
function
Main
function
(after reset)
Output
Input
Type
Pin
name
Pin
no.
PP
OD
Speed
High
sink
(1)
Ext.
interrupt
wpu
floating
Timer 2 -
channel 2/ADC
external trigger
Port D3
X
X
O3
HS
X
X
X
I/O
PD3/
TIM2_CH2/
ADC_ETR
28
Timer 2 -
channel
1/BEEP output
Port D4
X
X
O3
HS
X
X
X
I/O
PD4/BEEP/
TIM2_CH1
29
UART1 data
transmit
Port D5
X
X
O3
HS
X
X
X
I/O
PD5/
UART1_TX
30
UART1 data
receive
Port D6
X
X
O3
HS
X
X
X
I/O
PD6/
UART1_RX
31
Timer 1 -
channel 4
[AFR6]
Top level
interrupt
Port D7
X
X
O3
HS
X
X
X
I/O
PD7/ TLI
[TIM1_CH4]
32
(1)
I/O pins used simultaneously for high current source/sink must be uniformly spaced around the package. In addition, the total
driven current must respect the absolute maximum ratings (see Electrical characteristics).
(2)
When the MCU is in Halt/Active-halt mode, PA1 is automatically configured in input weak pull-up and cannot be used for waking
up the device. In this mode, the output state of PA1 is not driven. It is recommended to use PA1 only in input mode if Halt/Active-halt
is used in the application.
(3)
In the open-drain output column, "T" defines a true open-drain I/O (P-buffer, weak pull-up, and protection diode to VDD are not
implemented).
(4)
The PD1 pin is in input pull-up during the reset phase and after internal reset release.
STM8S003F3 TSSOP20/UFQFPN20 pinout and pin description
5.2
STM8S003F3 TSSOP20 pinout and pin description
5.2.1
Figure 4: STM8S003F3 TSSOP20 pinout
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
UART1_CK/TIM2_CH1/BEEP/(HS)PD4
NRST
VDD
VCAP
VSS
OSCOUT/PA2
PD3 (HS)/AIN4/TIM2_CH2/ADC_ETR
PD1(HS)/SWIM
PB4 (T)/I
2
C_SCL [ADC_ETR]
PC3 (HS)/TIM1_CH3 [TLI] [TIM1_CH1N]
PC4
(HS)/TIM1_CH4/CLK_CCO/AIN2/[TIM1_CH2N]
PC5 (HS)/SPI_SCK [TIM2_CH1]
12
11
9
10
[SPI_NSS] TIM2_CH3/(HS) PA3
PD2 (HS)/AIN3/[TIM2_CH3]
OSCIN/PA1
PB5 (T)/I
2
C_SDA [TIM1_BKIN]
UART1_TX/AIN5/(HS) PD5
UART1_RX/AIN6/(HS) PD6
PC6 (HS)/SPI_MOSI [TIM1_CH1]
PC7
(HS)/SPI_MISO [TIM1_CH2]
1. HS high sink capability.
21/100
DocID018576 Rev 3
Pinout and pin description
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com