Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 46Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 47Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 48Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 49Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 50Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 51Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 52Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 53Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
Figure 9: fCPUmax versus VDD
16
12
8
4
0
2.95
4.0
5.0
5.5
f
CPU (MHz)
Functionality guaranteed
@TA-40 to 85 °C
Supply voltage
Functionality
not
guaranteed
in this area
Table 19: Operating conditions at power-up/power-down
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
μs/V
∞
2
VDD rise time rate
tVDD
∞
2
VDD fall time rate
(1)
ms
1.7
VDD rising
Reset release delay
tTEMP
V
2.85
2.7
2.6
Power-on reset threshold
VIT+
2.8
2.65
2.5
Brown-out reset threshold
VIT-
mV
70
Brown-out reset hysteresis
VHYS(BOR)
(1) Reset is always generated after a t
TEMP delay. The application must ensure that VDD is still above the
minimum ooperating voltage (VDD min) when the tTEMP delay has elapsed.
VCAP external capacitor
9.3.1
Stabilization for the main regulator is achieved connecting an external capacitor CEXT to the
VCAP pin. CEXT is specified in the Operating conditions section. Care should be taken to limit
the series inductance to less than 15 nH.
Figure 10: External capacitor CEXT
C
Rleak
ESR
ESL
1. ESR is the equivalent series resistance and ESL is the equivalent inductance.
DocID018576 Rev 3
50/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com