Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 6Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 7Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 8Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 9Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 10Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 11Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 12Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 13Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
Product overview
4
The following section intends to give an overview of the basic features of the device functional
modules and peripherals.
For more detailed information please refer to the corresponding family reference manual
(RM0016).
Central processing unit STM8
4.1
The 8-bit STM8 core is designed for code efficiency and performance.
It contains 6 internal registers which are directly addressable in each execution context, 20
addressing modes including indexed indirect and relative addressing and 80 instructions.
Architecture and registers
• Harvard architecture
• 3-stage pipeline
• 32-bit wide program memory bus - single cycle fetching for most instructions
• X and Y 16-bit index registers - enabling indexed addressing modes with or without offset
and read-modify-write type data manipulations
• 8-bit accumulator
• 24-bit program counter - 16-Mbyte linear memory space
• 16-bit stack pointer - access to a 64 K-level stack
• 8-bit condition code register - 7 condition flags for the result of the last instruction
Addressing
• 20 addressing modes
• Indexed indirect addressing mode for look-up tables located anywhere in the address
space
• Stack pointer relative addressing mode for local variables and parameter passing
Instruction set
• 80 instructions with 2-byte average instruction size
• Standard data movement and logic/arithmetic functions
• 8-bit by 8-bit multiplication
• 16-bit by 8-bit and 16-bit by 16-bit division
• Bit manipulation
• Data transfer between stack and accumulator (push/pop) with direct stack access
• Data transfer using the X and Y registers or direct memory-to-memory transfers
Single wire interface module (SWIM) and debug module (DM)
4.2
The single wire interface module and debug module permits non-intrusive, real-time in-circuit
debugging and fast memory programming.
DocID018576 Rev 3
10/100
STM8S003K3 STM8S003F3
Product overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com