Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 75Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 76Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 77Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 78Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 79Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 80Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 81Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 82Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
(1) Parameters are given by selecting 10 MHz I/O output frequency.
(2) Data characterization in progress.
(3) Values based on design simulation and/or characterization results, and not tested in
production.
(4) Min time is for the minimum time to drive the output and the max time is for the maximum
time to validate the data.
(5) Min time is for the minimum time to invalidate the output and the max time is for the
maximum time to put the data in Hi-Z.
Figure 38: SPI timing diagram - slave mode and CPHA = 0
ai14134
CPHA= 0
MOSI
I NPUT
MISO
OUT P UT
CPHA= 0
MS B O UT
M SB IN
BI T6 OUT
LSB IN
LSB OUT
CPOL=0
CPOL=1
B I T1 IN
NSS input
tSU(NSS)
tc(SCK)
th(NSS)
ta(SO)
tw(SCKH)
tw(SCKL)
tv(SO)
th(SO)
tr(SCK)
tf(SCK)
tdis(SO)
tsu(SI)
th(SI)
Figure 39: SPI timing diagram - slave mode and CPHA = 1
ai14135
CPHA=1
MOSI
I NPUT
MISO
OUT P UT
CPHA=1
MS B O UT
M SB IN
BI T6 OUT
LSB IN
LSB OUT
CPOL=0
CPOL=1
B I T1 IN
tSU(NSS)
tc(SCK)
th(NSS)
ta(SO)
tw(SCKH)
tw(SCKL)
tv(SO)
th(SO)
tr(SCK)
tf(SCK)
tdis(SO)
tsu(SI)
th(SI)
NSS input
1. Measurement points are made at CMOS levels: 0.3 VDD and 0.7 VDD.
79/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com