Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 74Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 75Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 76Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 77Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 78Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 79Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 80Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 81Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
Table 42: SPI characteristics
Unit
Max
Min
Conditions
(1)
Parameter
Symbol
MHz
8
0
Master mode
SPI clock
frequency
fSCK1/
tc(SCK)
MHz
7
(2)
0
SPI clock frequency
fSCK1/ tc(SCK)
fSCK1/
tc(SCK)
ns
25
Capacitive load: C = 30 pF
SPI clock rise and
fall time
tr(SCK)
tf(SCK)
4 x
tMASTER
Slave mode
NSS setup time
tsu(NSS)
(3)
70
Slave mode
NSS hold time
th(NSS)
(3)
tSCK/
2 +15
tSCK/
2 - 15
Master mode
SCK high and low
time
tw(SCKH)
(3)
tw(SCKL)
(3)
5
Master mode
Data input setup
time
tsu(MI)
(3)
tsu(SI)
(3)
5
Slave mode
7
Master mode
Data input hold
time
th(MI)
(3)
th(SI)
(3)
10
Slave mode
3 x
tMASTER
Slave mode
Data output
access time
ta(SO)
(3) (4)
25
Slave mode
Data output
disable time
tdis(SO)
(3) (5)
65
(2)
Slave mode
(after enable edge)
Data output valid
time
tv(SO)
(3)
30
Master mode
(after enable edge)
Data output valid
time
tv(MO)
(3)
27
(2)
Slave mode
(after enable edge)
Data output hold
time
th(SO)
(3)
11
(2)
Master mode
(after enable edge)
Data output hold
time
th(MO)
(3)
DocID018576 Rev 3
78/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com