Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 27Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 28Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 29Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 30Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 31Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 32Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 33Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 34Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
Reset
status
Register name
Register label
Block
Address
0x00
I
2C Clock control register high
I2C_CCRH
0x00 521C
0x02
I
2C TRISE register
I2C_TRISER
0x00 521D
0x00
I
2C packet error checking register
I2C_PECR
0x00 521E
Reserved area (17 bytes)
0x00 521F to
0x00 522F
0xC0
UART1 status register
UART1_SR
UART1
0x00 5230
0xXX
UART1 data register
UART1_DR
0x00 5231
0x00
UART1 baud rate register 1
UART1_BRR1
0x00 5232
0x00
UART1 baud rate register 2
UART1_BRR2
0x00 5233
0x00
UART1 control register 1
UART1_CR1
0x00 5234
0x00
UART1 control register 2
UART1_CR2
0x00 5235
0x00
UART1 control register 3
UART1_CR3
0x00 5236
0x00
UART1 control register 4
UART1_CR4
0x00 5237
0x00
UART1 control register 5
UART1_CR5
0x00 5238
0x00
UART1 guard time register
UART1_GTR
0x00 5239
0x00
UART1 prescaler register
UART1_PSCR
0x00 523A
Reserved area (21 bytes)
0x00 523B to
0x00 523F
0x00
TIM1 control register 1
TIM1_CR1
TIM1
0x00 5250
0x00
TIM1 control register 2
TIM1_CR2
0x00 5251
31/100
DocID018576 Rev 3
Memory and register map
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com