Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 77Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 78Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 79Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 80Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 81Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 82Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 83Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 84Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 100 page
background image
Unit
Fast mode I
2C(1)
Standard mode I
2C
Parameter
Symbol
Max
(2)
Min
(2)
Max
(2)
Min
(2)
0.6
4.0
STOP condition setup time
tsu(STO)
μs
1.3
4.7
STOP to START condition time
(bus free)
tw(STO:STA)
pF
400
400
Capacitive load for each bus line
Cb
(1) f
MASTER, must be at least 8 MHz to achieve max fast I
2C speed (400kHz)
(2) Data based on standard I2C protocol requirement, not tested in production
(3) The maximum hold time of the start condition has only to be met if the interface does not stretch the
low time
(4) The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge
the undefined region of the falling edge of SCL
Figure 41: Typical application with I
2C bus and timing diagram
tf(SDA)
tr(SDA)
tsu(SDA)
th(SDA)
tf(SCL)
tr(SCL)
tw(SCLL)
tw(SCLH)
th(STA)
tsu(STO)
tsu(STA)
tw(STO:STA)
SDA
SCL
4.7k
Ω
SDA
SCL
100
Ω
100
Ω
4.7k
Ω
I2C bus
START
START
STOP
REPEATED
START
STM8S
V
DD
V
DD
ai17490
1. Measurement points are made at CMOS levels: 0.3 x VDD and 0.7 x VDD.
10-bit ADC characteristics
9.3.10
Subject to general operating conditions for VDD, fMASTER, and TA unless otherwise specified.
81/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com