Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 62Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 63Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 64Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 65Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 66Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 67Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 68Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 69Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
(1) Data based on characterization results, not tested in production.
(2) The physical granularity of the memory is 4 bytes, so cycling is performed on 4 bytes
even when a write/erase operation addresses a single byte.
I/O port pin characteristics
9.3.6
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. All unused
pins must be kept at a fixed voltage: using the output mode of the I/O for example or an
external pull-up or pull-down resistor.
Table 37: I/O static characteristics
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
V
0.3 x
VDD
-0.3 V
VDD = 5 V
Input low level voltage
VIL
VDD +
0.3
0.7 x
VDD
Input high level voltage
VIH
mV
700
Hysteresis
(1)
Vhys
kΩ
80
55
30
VDD = 5 V, VIN = VSS
Pull-up resistor
Rpu
ns
20
(2)
Fast I/Os
Load = 50 pF
Rise and fall time
(10 % - 90 %)
tR, tF
125
(2)
Standard and high sink
I/Os
Load = 50 pF
μA
±1
(2)
VSS ≤ VIN ≤VDD
Digital input leakage current
Ilkg
nA
±250
(2)
VSS ≤ VIN ≤ VDD
Analog input leakage current
Ilkg ana
μA
±1
(2)
Injection current ±4 mA
Leakage current in adjacent
I/O
Ilkg(inj)
(1) Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not
tested in production.
(2)Data based on characterisation results, not tested in production.
DocID018576 Rev 3
66/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com