Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6C Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 25Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 26Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 27Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 28Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 29Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 30Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 31Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 32Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
Reset
status
Register name
Register label
Block
Address
0x00
HSI clock calibration trimming register
CLK_HSITRIMR
0x00 50CC
0bXXXX
XXX0
SWIM clock control register
CLK_SWIMCCR
0x00 50CD
ReservLK ed area (3 bytes)
0x00 50CE to
0x00 50D0
0x7F
WWDG control register
WWDG_CR
WWDG
0x00 50D1
0x7F
WWDR window register
WWDG_WR
0x00 50D2
Reserved area (13 bytes)
0x00 50D3 to 00
50DF
0xXX
(2)
IWDG key register
IWDG_KR
IWDG
0x00 50E0
0x00
IWDG prescaler register
IWDG_PR
0x00 50E1
0xFF
IWDG reload register
IWDG_RLR
0x00 50E2
Reserved area (13 bytes)
0x00 50E3 to
0x00 50EF
0x00
AWU control/status register 1
AWU_CSR1
AWU
0x00 50F0
0x3F
AWU asynchronous prescaler buffer
register
AWU_APR
0x00 50F1
0x00
AWU timebase selection register
AWU_TBR
0x00 50F2
0x1F
BEEP control/status register
BEEP_CSR
BEEP
0x00 50F3
Reserved area (12 bytes)
0x00 50F4 to
0x00 50FF
0x00
SPI control register 1
SPI_CR1
SPI
0x00 5200
0x00
SPI control register 2
SPI_CR2
0x00 5201
29/100
DocID018576 Rev 3
Memory and register map
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com