Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 4 Page - Analog Devices

  ADAV4622BSTZ Datasheet HTML 1Page - Analog Devices ADAV4622BSTZ Datasheet HTML 2Page - Analog Devices ADAV4622BSTZ Datasheet HTML 3Page - Analog Devices ADAV4622BSTZ Datasheet HTML 4Page - Analog Devices ADAV4622BSTZ Datasheet HTML 5Page - Analog Devices ADAV4622BSTZ Datasheet HTML 6Page - Analog Devices ADAV4622BSTZ Datasheet HTML 7Page - Analog Devices ADAV4622BSTZ Datasheet HTML 8Page - Analog Devices ADAV4622BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADAV4622
Rev. B | Page 4 of
28
SPECIFICATIONS
AVDD = 3.3 V, DVDD = 1.8 V, ODVDD = 3.3 V, operating temperature = −40°C to +85°C, master clock = 24.576 MHz, measurement
bandwidth = 20 Hz to 20 kHz, ADC input signal = DAC output signal = 1 kHz, unless otherwise noted.
PERFORMANCE PARAMETERS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SIF ADC INPUT SECTION
Analog Input Frequency Range
10
MHz
Recommended Analog Input Level
90 ± 18 dB
dBu
FM, AGC in PGA priority mode
Maximum Analog Input Range
1.6
V p-p
Default setting
Input Impedance
12
kΩ
PGA Gain = 0 dB
6
KΩ
PGA Gain = 10 dB
2.3
kΩ
PGA Gain = 20 dB
DC Bias Level
1.9
V
SIF Input Isolation
60
dB
SIF_IN1 to SIF_ IN2
FM Limiting Sensitivity
32
dBu
A2 (DK), Mono, deviation mode = 100%, fFM = 400 Hz,
Δf = 50 kHz, BW = 20 Hz to 15 kHz, rms detector
31
dBu
A2 (I), Mono, deviation mode = 100%, fFM = 400 Hz,
Δf = 50 kHz, BW = 20 Hz to 15 kHz, rms detector
31
dBu
A2 (BG), Mono, deviation mode = 100%, fFM = 400 Hz,
Δf = 50 kHz, BW = 20 Hz to 15 kHz, rms detector
34
dBu
BTSC (M, N), Mono, deviation mode = 100%,
fFM = 400 Hz, Δf = 25 kHz, BW = 20 Hz to 15 kHz,
rms detector
28.5
dBu
A2 (M), Mono, deviation mode = 100%, fFM = 400 Hz,
Δf = 25 kHz, BW = 20 Hz to 15 kHz, rms detector
30
dBu
EIAJ (M), Mono, deviation mode = 100%, fFM = 400 Hz,
Δf = 25 kHz, BW = 20 Hz to 15 kHz, rms detector
FM Output Level at 25% Deviation Mode
53.7
% FS
A2 (DK, I, BG), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 12.5 kHz, rms detector
53.6
% FS
BTSC (M, N), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 6.25 kHz, rms detector
56.3
% FS
A2 (M), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 6.25 kHz, rms detector
56.7
% FS
EIAJ (M), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 6.25 kHz, rms detector
FM Output Level at 50% Deviation Mode
53.7
% FS
A2 (DK, I, BG), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 25 kHz, rms detector
53.6
% FS
BTSC (M, N), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 12.5 kHz, rms detector
56.3
% FS
A2 (M), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 12.5 kHz, rms detector
56.7
% FS
EIAJ (M), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 12.5 kHz, rms detector
FM Output Level at 100% Deviation Mode
53.7
% FS
A2 (DK, I, BG), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 50 kHz, rms detector
53.6
% FS
BTSC (M, N), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 25 kHz, rms detector
56.3
% FS
A2 (M), Mono, VSIF = 100 mV, fFM = 400 Hz, Δf = 25 kHz,
rms detector
56.7
% FS
EIAJ (M), Mono, VSIF = 100 mV, fFM = 400 Hz, Δf = 25 kHz,
rms detector
FM Output Level at 200% Deviation Mode
53.7
% FS
A2 (DK, I, BG), Mono, VSIF =100 mV, fFM = 400 Hz,
Δf = 100 kHz, rms detector
53.6
% FS
BTSC (M, N), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 50 kHz, rms detector
56.3
% FS
A2 (M), Mono, VSIF = 100 mV, fFM = 400 Hz, Δf = 50 kHz,
rms detector
56.7
% FS
EIAJ (M), Mono, VSIF = 100 mV, fFM = 400 Hz, Δf = 50 kHz,
rms detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com