Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 1 Page - Analog Devices

  ADAV4622BSTZ Datasheet HTML 1Page - Analog Devices ADAV4622BSTZ Datasheet HTML 2Page - Analog Devices ADAV4622BSTZ Datasheet HTML 3Page - Analog Devices ADAV4622BSTZ Datasheet HTML 4Page - Analog Devices ADAV4622BSTZ Datasheet HTML 5Page - Analog Devices ADAV4622BSTZ Datasheet HTML 6Page - Analog Devices ADAV4622BSTZ Datasheet HTML 7Page - Analog Devices ADAV4622BSTZ Datasheet HTML 8Page - Analog Devices ADAV4622BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Audio Processor for Advanced TV with
Sound IF Demodulator and Stereo Decoder
ADAV4622
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Sound IF (SIF) processor
SIF demodulator and broadcast stereo decoder
NICAM (BG, DK, I, L), A2 (BG, DK, M), BTSC (M, N), EIAJ (M)
Automatic sound IF standard detection
Fully programmable 28-bit audio processor for enhanced
ATV sound—default TV audio flow loaded on reset
Implements Analog Devices and third-party branded audio
algorithms
Adjustable digital delay line for audio/video
Synchronization for up to 200 ms stereo delay
High performance 24-bit ADC and DAC
94 dB DNR performance on DAC channels
95 dB DNR performance on ADC channels
Dual headphone outputs with integrated amplifiers
High performance pulse-width modulation (PWM) digital
outputs
Multichannel digital baseband I/O
4 stereo synchronous digital I2S input channels
One 6-channel sample rate converter (SRC) and one
stereo SRC supporting input sample rates from
5 kHz to 50 kHz
One stereo synchronous digital I2S output
S/PDIF output with S/PDIF input mux capability
Fast I2C control
Operates from 3.3 V (analog), 1.8 V (digital core), and 3.3 V
(digital interface)
Available in 80-lead LQFP
APPLICATIONS
General-purpose consumer audio postprocessing
Home audio
DVD recorders
Home theater in a box (HTIB) systems and DVD receivers
Audio processing subsystems for DTV-ready TVs
Analog broadcast capability for iDTVs
PRODUCT OVERVIEW
The ADAV4622 is an enhanced audio processor targeting
advanced TV applications with full support for digital and
analog baseband audio as well as multistandard broadcast SIF
demodulation and decoding.
The audio processor, by default, loads a dedicated TV audio
flow that incorporates full matrix switching (any input to any
output), automatic volume control that compensates for volume
changes during advertisements or when switching channels,
dynamic bass, a multiband equalizer, and up to 200 ms of stereo
delay memory for audio-video synchronization.
Alternatively, Analog Devices, Inc., offers an award-winning
graphical programming tool (SigmaStudio™) that allows custom
flows to be quickly developed and evaluated. This allows the
creation of customer-specific audio flows, including use of the
Analog Devices library of third-party algorithms.
The analog I/O integrates Analog Devices proprietary
continuous-time, multibit Σ-Δ architecture to bring a higher
level of performance to ATV systems, required by third-party
algorithm providers to meet system branding certification. The
analog input is provided by 95 dB dynamic range (DNR) ADCs,
and analog output is provided by 94 dB DNR DACs.
The main speaker outputs can be supplied as a digitally
modulated PWM stream to support digital amplifiers.
The ADAV4622 includes multichannel digital inputs and
outputs. In addition, digital input channels can be routed
through integrated sample rate converters (SRC), which are
capable of supporting any arbitrary sample rate from 5 kHz
to 50 kHz.


Similar Part No. - ADAV4622BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
More results

Similar Description - ADAV4622BSTZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
Digital TV sound demodulator/decoder
1998 Apr 27
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
Multistandard TV Audio Processor and Digital Sound Demodulator
May-2004
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
Multistandard TV Audio Processor and Digital Sound Demodulator
25-Feb-2005
logo
NEC
UPC1391H NEC-UPC1391H Datasheet
269Kb / 4P
SOUND IF PROCESSOR FOR AUDIO MULTIPLEX TV
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
Audio sound processor for TV
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
Audio sound processor for TV
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
logo
Rohm
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
Audio sound processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com