Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 10Page - Analog Devices ADAV4622BSTZ Datasheet HTML 11Page - Analog Devices ADAV4622BSTZ Datasheet HTML 12Page - Analog Devices ADAV4622BSTZ Datasheet HTML 13Page - Analog Devices ADAV4622BSTZ Datasheet HTML 14Page - Analog Devices ADAV4622BSTZ Datasheet HTML 15Page - Analog Devices ADAV4622BSTZ Datasheet HTML 16Page - Analog Devices ADAV4622BSTZ Datasheet HTML 17Page - Analog Devices ADAV4622BSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADAV4622
Rev. B | Page 14 of
28
Pin No.
Mnemonic
Description
16
SDA
I2C Data.
17
SCL
I2C Clock.
18
SPDIF_IN5/LRCLK2
External Input to S/PDIF Mux/Left/Right Clock for SRC2 (Default).
19
SPDIF_IN6/BCLK2
External Input to S/PDIF Mux/Bit Clock for SRC2 (Default).
20
DGND
Digital Ground.
21
DVDD
Digital Supply (1.8 V).
22
SDIN0
Serial Data Input 0/SRC Data Input.
23
SDIN1
Serial Data Input 1/SRC Data Input.
24
SDIN2
Serial Data Input 2/SRC Data Input.
25
SPDIF_IN0/SDIN3
External Input to S/PDIF Mux/SRC Data Input/Serial Data Input 3 (Default).
26
SPDIF_IN1/LRCLK0
External Input to S/PDIF Mux/Left/Right Clock for SRC1 (Default).
27
SPDIF_IN2/BCLK0
External Input to S/PDIF Mux/Bit Clock for SRC1 (Default).
28
ODGND
Digital Ground.
29
ODVDD
Digital Interface Supply (3.3 V).
30
MCLK_OUT
Master Clock Output.
31
DVDD
Digital Supply (1.8 V).
32
DGND
Digital Ground.
33
MCLKI/XIN
Master Clock/Crystal Input.
34
XOUT
Crystal Output.
35
SPDIF_IN4/BCLK1
External Input to S/PDIF Mux/Bit Clock for Serial Data I/O (Default).
36
SPDIF_IN3/LRCLK1
External Input to S/PDIF Mux/Left/Right Clock for Serial Data I/O (Default).
37
SDO0/AD0
Serial Data Output. This pin acts as the I2C address select on reset. It has an internal pull-down
resistor.
38
SPDIF_OUT/SDO1
Output of S/PDIF Mux/Serial Data Output.
39
PWM_READY
PWM Ready Flag.
40
DVDD
Digital Supply (1.8 V).
41
DGND
Digital Ground.
42
PWM1A
Pulse-Width Modulated Output 1A.
43
PWM1B
Pulse-Width Modulated Output 1B.
44
PWM2A
Pulse-Width Modulated Output 2A.
45
PWM2B
Pulse-Width Modulated Output 2B.
46
PWM3A
Pulse-Width Modulated Output 3A.
47
PWM3B
Pulse-Width Modulated Output 3B.
48
PWM4A
Pulse-Width Modulated Output 4A.
49
PWM4B
Pulse-Width Modulated Output 4B.
50
RESET
Reset Analog and Digital Cores.
51
DVDD
Digital Supply (1.8 V).
52
DGND
Digital Ground.
53
AVDD
PLL Supply (3.3 V).
54
PLL_LF
PLL Loop Filter.
55
AGND
PLL Ground.
56
AGND
Headphone Driver Ground.
57
HPOUT1L
Left Headphone Output 1.
58
HPOUT1R
Right Headphone Output 1.
59
AVDD
Headphone Driver Supply (3.3 V).
60
HPOUT2L
Left Headphone Output 2.
61
HPOUT2R
Right Headphone Output 2.
62
AUXOUT3L
Left Auxiliary Output 3.
63
AUXOUT3R
Right Auxiliary Output 3.
64
AUXOUT4L
Left Auxiliary Output 4.
65
AUXOUT4R
Right Auxiliary Output 4.
66
NC
No Connection to this Pin Allowed.
67
FILTD
DAC Filter Capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com