Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 5 Page - Analog Devices

  ADAV4622BSTZ Datasheet HTML 1Page - Analog Devices ADAV4622BSTZ Datasheet HTML 2Page - Analog Devices ADAV4622BSTZ Datasheet HTML 3Page - Analog Devices ADAV4622BSTZ Datasheet HTML 4Page - Analog Devices ADAV4622BSTZ Datasheet HTML 5Page - Analog Devices ADAV4622BSTZ Datasheet HTML 6Page - Analog Devices ADAV4622BSTZ Datasheet HTML 7Page - Analog Devices ADAV4622BSTZ Datasheet HTML 8Page - Analog Devices ADAV4622BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADAV4622
Rev. B | Page 5 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FM Output Level at 400% Deviation Mode
53.7
% FS
A2 (DK, I, BG), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 200 kHz, rms detector
53.6
% FS
BTSC (M, N), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 100 kHz, rms detector
56.4
% FS
A2 (M), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 100 kHz, rms detector
56.7
% FS
EIAJ (M), Mono, VSIF = 100 mV, fFM = 400 Hz, Δf = 100 kHz,
rms detector
FM Output Level at 800% Deviation Mode
53.7
% FS
A2 (DK, I, BG), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 400 kHz, rms detector
53.6
% FS
BTSC (M, N), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 200 kHz, rms detector
56.3
% FS
A2 (M), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 200 kHz, rms detector
56.7
% FS
EIAJ (M), Mono, VSIF = 100 mV, fFM = 400 Hz,
Δf = 200 kHz, rms detector
AM Rejection Ratio
69.5
dB
A2 (DK), Mono, deviation mode = 100%, VSIF = 100 mV,
fFM = 400 Hz, Δf = 27 kHz, fAM = 400 Hz, MODAM = 30%,
BW = 20 Hz to 15 kHz, rms detector
70
dB
A2 (I), Mono, deviation mode = 100%, VSIF = 100 mV,
fFM = 400 Hz, Δf = 27 kHz, fAM = 400 Hz, MODAM = 30%,
BW = 20 Hz to 15 kHz, rms detector
70
dB
A2 (BG), Mono, deviation mode = 100%, VSIF = 100 mV,
fFM = 400 Hz, Δf = 27 kHz, fAM = 400 Hz, MODAM = 30%,
BW = 20 Hz to 15 kHz, rms detector
70.5
dB
Mono (M), deviation mode = 100%, VSIF = 100 mV,
fFM = 400 Hz, Δf = 13.5 kHz, fAM = 400 Hz, MODAM = 30%,
BW = 20 Hz to 15 kHz, rms detector
AM Sensitivity
40
dBu
Mono (L), fAM = 400 Hz, MOD = 30%, BW = 20 Hz to 15 kHz,
rms detector, (S + N)/N = 10 dB
BTSC (M) PERFORMANCE
Measured at analog audio output, video = 75% color bar,
fSC = 4.5 MHz, fFM = 1 kHz, Δf = 25 kHz (100%), deemphasis =
75 μs, measuring BW = 20 Hz to 15 kHz with dBX NR
Dynamic Range
Stereo Channel
62
dB
Stereo L or R (L = −R), 100%, 1 kHz
SAP Channel
68
dB
SAP channel with Mono 100%, 1 kHz
Total Harmonic Distortion + Noise
Stereo Channel
−46
dB
Stereo L or R (L = −R), 100%, 1 kHz
SAP Channel
−40
dB
SAP 100%, 1 kHz
Frequency Response
fFM = 20 Hz to 12 kHz
Stereo Channel
+0.1/−0.7
dB
Stereo L or R, 50%, (L = −R)
SAP Channel
+2.5/−2.5
dB
SAP 50%, Mono 100%, 1 kHz
Crosstalk
Stereo-to-SAP Channel
−74
dB
L or R 50%, 1 kHz
SAP-to-Stereo Channel
−71
dB
SAP 50%, 1 kHz
Stereo Separation dBX
30
dB
L off, R 50%, 1 kHz
EIAJ (M) PERFORMANCE
Measured at analog audio output, video = 75% color bar,
fSC = 4.5 MHz, fFM = 1 kHz, Δf = 25 kHz (100%),
deemphasis = 75 μs, measuring BW = 20 Hz to 15 kHz
Dynamic Range
Stereo Channel
58
dB
Stereo L or R, 100%, 1 kHz
Dual Channel
56
dB
Dual channel with Mono 100%, 1 kHz
Total Harmonic Distortion + Noise
Stereo Channel
−56
dB
Stereo L or R, 100%, 1 kHz
Dual Channel
−47
dB
Dual 50%, 1 kHz
Frequency Response
fFM = 20 Hz to 10 kHz
Stereo Channel
+0.03/−0.53
dB
Stereo L or R, 100%
Dual Channel
+0.17/−1.4
dB
Dual 100%, Mono 100%, 1 kHz
Crosstalk
Main-to-Dual Channel
−75
dB
Main 100%, 1 kHz
Dual-to-Main Channel
−83
dB
Dual 100%, 1 kHz
Stereo Separation
39
dB
Stereo L or R, 100%, 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com