Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 20Page - Analog Devices ADAV4622BSTZ Datasheet HTML 21Page - Analog Devices ADAV4622BSTZ Datasheet HTML 22Page - Analog Devices ADAV4622BSTZ Datasheet HTML 23Page - Analog Devices ADAV4622BSTZ Datasheet HTML 24Page - Analog Devices ADAV4622BSTZ Datasheet HTML 25Page - Analog Devices ADAV4622BSTZ Datasheet HTML 26Page - Analog Devices ADAV4622BSTZ Datasheet HTML 27Page - Analog Devices ADAV4622BSTZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADAV4622
Rev. B | Page 24 of 2
8
LRCLK
BCLK
SDO0
MSB
LEFT CHANNEL
LSB
MSB
RIGHT CHANNEL
LSB
1 /FS
Figure 26. I2S Mode
LRCLK
BCLK
SDO0
LEFT CHANNEL
MSB
LSB
MSB
RIGHT CHANNEL
LSB
1 /FS
Figure 27. Left-Justified Mode
LRCLK
BCLK
SDO0
LEFT CHANNEL
MSB
LSB
MSB
RIGHT CHANNEL
LSB
1 /FS
Figure 28. Right-Justified Mode
PWM OUTPUTS
In the ADAV4622, the main outputs are available as four PWM
output channels, which are suitable for driving Class-D amplifiers.
PWM_Ready is a status pin used to signify that the ADAV4622
PWM outputs are in a valid state. During PWM power-up and
power-down, this pin remains low to signify that the outputs
are not in a valid state. The output power stage should remain
muted until this pin goes high. This functionality helps to
eliminate pop/click and other unwanted noise on the outputs.
PWM1A
PWM1B
PWM2A
PWM2B
PWM3A
PWM3B
PWM
MODULATOR
PWM
MODULATOR
PWM
MODULATOR
+
–
+
–
+
–
PWM4A
PWM_READY
PWM4B
PWM
MODULATOR
+
–
Figure 29. PWM Output Section
Each set of PWM outputs is a complementary output. The
modulation frequency is 384 kHz, and the full-scale duty cycle
has a ratio of 97:3.
Full details on the use of the PWM outputs are available upon
request. Contact a local Analog Devices sales representative for
more details.
HEADPHONE OUTPUTS
There are two stereo headphone amplifier outputs capable
of driving 32 Ω loads at 1 V rms. HPOUT1 is shared with
AUXOUT4, and HPOUT2 is shared with AUXOUT2, as shown
in Figure 30.
AUXOUT2R
AUXOUT2L
PA
HPOUT2L
HPOUT2R
DAC
AUXOUT4R
AUXOUT4L
PA
HPOUT1L
HPOUT1R
DAC
Figure 30. Headphone Outputs Section
I2S DIGITAL AUDIO OUTPUTS
One I2S output, SDO0, uses the same serial clocks as the serial
inputs, which are BCLK1 and LRCLK1 by default. If an addi-
tional digital output is required, an additional pin can be
reconfigured as a serial digital output, as shown in Figure 31.
SDO0
R
L
R
L
S/PDIF
OUTPUT
SPDIF_OUT (SDO1)
I2S OUTPUT
INTERFACE
BCLK1
LRCLK1
Figure 31. I2S Digital Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com