Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 8Page - Analog Devices ADAV4622BSTZ Datasheet HTML 9Page - Analog Devices ADAV4622BSTZ Datasheet HTML 10Page - Analog Devices ADAV4622BSTZ Datasheet HTML 11Page - Analog Devices ADAV4622BSTZ Datasheet HTML 12Page - Analog Devices ADAV4622BSTZ Datasheet HTML 13Page - Analog Devices ADAV4622BSTZ Datasheet HTML 14Page - Analog Devices ADAV4622BSTZ Datasheet HTML 15Page - Analog Devices ADAV4622BSTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADAV4622
Rev. B | Page 12 of
28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
DVDD to DGND
0 V to 2.2 V
ODVDD to DGND
0 V to 4 V
AVDD to AGND
0 V to 4 V
AGND to DGND
−0.3 V to +0.3 V
Digital Inputs
DGND − 0.3 V to ODVDD + 0.3 V
Analog Inputs
AGND − 0.3 V to AVDD + 0.3 V
Reference Voltage
Indefinite short circuit to ground
Soldering (10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance1
Package Type
θJA
θJC
Unit
80-Lead LQFP
38.1
7.6
°C/W
1 Based on JEDEC 2S2P PCB.
THERMAL CONDITIONS
To ensure correct operation of the device, the case temperature
(TCASE) must be kept below 121°C to keep the junction tempera-
ture (TJ) below the maximum allowed, 125°C.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com