Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 2Page - Analog Devices ADAV4622BSTZ Datasheet HTML 3Page - Analog Devices ADAV4622BSTZ Datasheet HTML 4Page - Analog Devices ADAV4622BSTZ Datasheet HTML 5Page - Analog Devices ADAV4622BSTZ Datasheet HTML 6Page - Analog Devices ADAV4622BSTZ Datasheet HTML 7Page - Analog Devices ADAV4622BSTZ Datasheet HTML 8Page - Analog Devices ADAV4622BSTZ Datasheet HTML 9Page - Analog Devices ADAV4622BSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADAV4622
Rev. B | Page 6 of
28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
A2 (M) PERFORMANCE
Measured at analog audio output, video = 75% color bar,
fSC1 = 4.5 MHz, fSC2 = 4.724 MHz, fFM = 1 kHz, Δf = 25 kHz
(100%), deemphasis = 75 μs, measuring BW = 20 Hz to
15 kHz
Dynamic Range
60
dB
Mono 100%, 1 kHz
Total Harmonic Distortion + Noise
−64
dB
Mono 100%, 1 kHz
Frequency Response
+0.4/−0.05
dB
Mono 100%, fFM = 25 Hz to 15 kHz
Crosstalk (Dual)
−88
dB
Mono or dual off, 100%, 1 kHz
Channel Separation (Stereo)
66
dB
Stereo L off, R 50%, 1 kHz
A2 (DK1/DK2/DK3) PERFORMANCE
Measured at analog audio output, video = 75% color bar,
fSC1 = 6.5 MHz, fSC2 = 6.742 MHz, (DK2 worst case),
fFM = 1 kHz, Δf = 50 kHz (100%), deemphasis = 50 μs,
measuring BW = 20 Hz to 15 kHz
Dynamic Range
74
dB
Mono 100%, 1 kHz
Total Harmonic Distortion + Noise
−66
dB
Mono 100%, 1 kHz
Frequency Response
+0.1/−0.3
dB
Mono 100%, fFM = 20 Hz to 15 kHz
Crosstalk (Dual)
−88
dB
Mono or dual off, 100%, 1 kHz
Channel Separation (Stereo)
77
dB
Stereo L off, R 50%, 1 kHz
A2 (BG) PERFORMANCE
Measured at analog audio output, video = 75% color bar,
fSC1 = 5.5 MHz, fSC2 = 5.742 MHz, fFM = 1 kHz,
Δf = 50 kHz (100%), deemphasis = 50 μs,
measuring BW = 20 Hz to 15 kHz
Dynamic Range
74
dB
Mono 100%, 1 kHz
Total Harmonic Distortion + Noise
−61
dB
Mono 100%, 1 kHz
Frequency Response
+0.1/−0.3
dB
Mono 100%, fFM = 25 Hz to 15 kHz
Crosstalk (Dual)
−89
dB
Mono or dual off, 100%, 1 kHz
Channel Separation (Stereo)
70
dB
Stereo L off, R 50%, 1 kHz
NICAM (I) PERFORMANCE
Measured at analog audio output, video = 75% color bar,
1 kHz, unweighted, deemphasis = J17, measuring BW = 20
Hz to 15 kHz
Dynamic Range
72
dB
Stereo L or R, 0 dB, 1 kHz
Total Harmonic Distortion + Noise
−63
dB
Stereo L or R, 0 dB, 1 kHz
Frequency Response
−1.3/+0.07
dB
Stereo L or R, 0 dB
Crosstalk
−80
dB
Mono or dual, 0 dB, 1 kHz
Stereo Separation
73
dB
L or R, 0 dB, 1 kHz
Bit Error Rate
0
FM and NICAM nominal conditions
NICAM (BG, DK, L) PERFORMANCE
Measured at analog audio output, video = 75% color bar,
1 kHz, unweighted, deemphasis = J17, measuring BW =
20 Hz to 15 kHz
Dynamic Range
72
dB
Stereo L or R, 0 dB, 1 kHz
Total Harmonic Distortion + Noise
−63
dB
Stereo L or R, 0 dB, 1 kHz
Frequency Response
−1.3/+0.07
dB
Stereo L or R, 0 dB
Crosstalk
−80
dB
Mono or dual, 0 dB, 1 kHz
Stereo Separation
74
dB
L or R, 0 dB, 1 kHz
Bit Error Rate
0
FM and NICAM nominal conditions
AM PERFORMANCE
Measured at analog audio output, 1 kHz,
AM carrier 6.5 MHz measuring BW = 20 Hz to 15 kHz
Dynamic Range
RMS/FLAT
55
dB
AM = 54% modulation
QP/CCIR
35
dB
CCIR filter, AM = 54% modulation
Total Harmonic Distortion + Noise
−49
dB
AM = 54% modulation
Frequency Response
+0.03/−1.2
dB
AM = 54% modulation
REFERENCE SECTION
Absolute Voltage VREF
1.53
V
VREF Temperature Coefficient
100
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com