Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 9Page - Analog Devices ADAV4622BSTZ Datasheet HTML 10Page - Analog Devices ADAV4622BSTZ Datasheet HTML 11Page - Analog Devices ADAV4622BSTZ Datasheet HTML 12Page - Analog Devices ADAV4622BSTZ Datasheet HTML 13Page - Analog Devices ADAV4622BSTZ Datasheet HTML 14Page - Analog Devices ADAV4622BSTZ Datasheet HTML 15Page - Analog Devices ADAV4622BSTZ Datasheet HTML 16Page - Analog Devices ADAV4622BSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADAV4622
Rev. B | Page 13 of
28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VREF
AGND
AVDD
SIF_REFN
SIF_REFCM
SIF_REFP
FILTA
SIF_IN1
SIF_PGA_REF
SIF_IN2
AVDD
DGND
DVDD
MUTE
SDA
SCL
SPDIF_IN5/LRCLK2
SPDIF_IN6/BCLK2
DGND
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
17
18
19
20
11
AGND
AVDD
HPOUT1R
HPOUT1L
PLL_LF
AGND
AGND
HPOUT2L
AVDD
DGND
DVDD
PWM4B
PWM4A
PWM3B
PWM3A
PWM2B
PWM2A
PWM1B
PWM1A
DGND
59
58
57
54
55
56
60
53
52
51
49
48
47
46
45
44
43
42
41
50
RESET
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
PIN 1
ADAV4622
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 9. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
FILTA
ADC Filter Capacitor.
2
VREF
Reference Capacitor.
3
AGND
ADC Ground.
4
AVDD
ADC Supply (3.3 V).
5
SIF_REFP
SIF ADC Positive Reference (Typical 1.4 V).
6
SIF_REFCM
SIF ADC Common-Mode Reference (Typical 1 V).
7
SIF_REFN
SIF ADC Negative Reference (Typical 0.6 V).
8
SIF_IN1
SIF Input 1.
9
SIF_PGA_REF
SIF PGA Reference.
10
SIF_IN2
SIF Input 2.
11
AGND
SIF AGND.
12
AVDD
SIF Supply (3.3 V).
13
DGND
Digital Ground.
14
DVDD
Digital Supply (1.8 V).
15
MUTE
Active Low Mute Request Input Signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com