Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 16Page - Analog Devices ADAV4622BSTZ Datasheet HTML 17Page - Analog Devices ADAV4622BSTZ Datasheet HTML 18Page - Analog Devices ADAV4622BSTZ Datasheet HTML 19Page - Analog Devices ADAV4622BSTZ Datasheet HTML 20Page - Analog Devices ADAV4622BSTZ Datasheet HTML 21Page - Analog Devices ADAV4622BSTZ Datasheet HTML 22Page - Analog Devices ADAV4622BSTZ Datasheet HTML 23Page - Analog Devices ADAV4622BSTZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADAV4622
Rev. B | Page 20 of 2
8
SCL
Serial clock for the I2C control port. SCL features a glitch
elimination filter that removes spurious pulses that are less
than 50 ns wide.
MUTE
Mute input request. This active-low input pin controls the
muting of the output ports (both analog and digital) from the
ADAV4622. When low, it asserts mute on the outputs that are
enabled in the audio flow.
RESET
Active-low reset signal. After RESET goes high, all the circuit
blocks are powered down. The blocks can be individually
powered up with software. When the part is powered up, it
takes approximately 3072 internal clocks to initialize the
internal circuitry. The internal system clock is equal to MCLKI
until the PLL is powered and enabled, after which the internal
system clock becomes 2560 × fS (122.88 MHz). Once the PLL
is powered up and enabled after reset, it takes approximately
3 ms to lock. When the audio processor is enabled, it takes
approximately 32,768 internal system clocks to initialize and
load the default flow to the audio processor memory. The audio
processor is not available during this time.
AUXIN1L, AUXIN2L, AUXIN1R, AND AUXIN2R
Analog inputs to the on-chip ADCs.
AUXOUT1L, AUXOUT2L, AUXOUT3L, AUXOUT4L,
AUXOUT1R, AUXOUT2R, AUXOUT3R, AND
AUXOUT4R
Auxiliary DAC analog outputs. These pins can be programmed
to supply the outputs of the internal audio processing for line
out or record use.
HPOUT1L, HPOUT2L, HPOUT1R, AND HPOUT2R
Analog outputs from the headphone amplifiers.
PLL_LF
PLL loop filter connection. A 100 nF capacitor and a 2 kΩ
resistor in parallel with a 1 nF capacitor tied to AVDD are
required for the PLL loop filter to operate correctly.
VREF
Voltage reference for DACs and ADCs. This pin is driven by an
internal 1.5 V reference voltage.
FILTA AND FILTD
Decoupling nodes for the ADC and DAC. Decoupling
capacitors should be connected between these nodes and
AGND, typically 47 μF/0.1 μF and 10 μF/0.1 μF, respectively.
PWM1A, PWM1B, PWM2A, PWM2B, PWM3A,
PWM3B, PWM4A, AND PWM4B
Differential pulse-width modulation outputs are suitable for
driving Class-D amplifiers.
PWM_READY
This pin is set high when PWM is enabled and stable.
AVDD
Analog power supply pins. These pins should be connected to
3.3 V. Each pin should be decoupled with 10 μF and 0.1 μF
capacitors to AGND, as close to the pin as possible.
DVDD
Digital power supply. This pin is connected to a 1.8 V digital
supply. Connecting 10 μF and 0.1 μF decoupling capacitors to
DGND, as close to the pin as possible, is strongly recommended
for optimal performance.
ODVDD
Digital interface power supply pin. This pin should be
connected to a 3.3 V digital supply. The pin should be
decoupled with 10 μF and 0.1 μF capacitors to DGND, as
close to the pin as possible.
DGND
Digital ground.
AGND
Analog ground.
ODGND
Ground for the digital interface power supply.
SIF_REFP, SIF_REFCM, AND SIF_REFN
Decoupling nodes for the SIF block.
SIF_IN1 AND SIF_IN2
Analog inputs for the SIF block.
SIF_PGA_REF
PGA reference output. This pin should be decoupled to AGND
with 10 μF and 0.1 μF capacitors.
ISET
ADC current setting resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com