Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 17Page - Analog Devices ADAV4622BSTZ Datasheet HTML 18Page - Analog Devices ADAV4622BSTZ Datasheet HTML 19Page - Analog Devices ADAV4622BSTZ Datasheet HTML 20Page - Analog Devices ADAV4622BSTZ Datasheet HTML 21Page - Analog Devices ADAV4622BSTZ Datasheet HTML 22Page - Analog Devices ADAV4622BSTZ Datasheet HTML 23Page - Analog Devices ADAV4622BSTZ Datasheet HTML 24Page - Analog Devices ADAV4622BSTZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADAV4622
Rev. B | Page 21 of 2
8
FUNCTIONAL DESCRIPTIONS
SIF PROCESSOR
Supported SIF Standards
The ADAV4622 supports all worldwide standards, as shown in
Table 6.
Table 6. ADAV4622 Worldwide SIF Standards
System
Sound
SC1 (MHz)
SC2 (MHz)
M
BTSC
4.5
N
BTSC
4.5
M
EIAJ
4.5
M
A2
4.5
4.724
BG
A2
5.5
5.742
BG
NICAM
5.5
5.85
I
Mono
6.0
I
NICAM
6.0
6.552
DK1
A2
6.5
6.258
DK2
A2
6.5
6.742
DK3
A2
6.5
5.742
DK
NICAM
6.5
5.85
L
Mono
6.5
L
NICAM
6.5
5.85
SIF Demodulation
Figure 22 shows a block diagram of the SIF demodulation
block. The selected SIF input signal is digitized by an ADC with
a sample rate of 24.576 MHz. An AGC is included to ensure
that for even low level signals, the full range of the ADC is used.
The digitized input is passed to the SIF demodulator for
demodulating. The outputs of the demodulator are then passed
to the internal audio processor. Internally, the audio processor
runs at a 48 kHz sampling frequency. When NICAM is selected,
an internal SRC upsamples the 32 kHz NICAM signal to the
audio processor rate of 48 kHz.
SIF Processor Configuration
The ADAV4622 supports automatic standard detection, which
is enabled by default. The ASD controller configures the SIF
processor with the optimum register settings based on the
detected standard. If the user prefers to operate in manual mode,
or if the user prefers to use an external ASD loop, all of the ASD
status registers are available.
MASTER CLOCK OSCILLATOR
Internally, the ADAV4622 operates synchronously to the master
MCLKI input. All internal system clocks are generated from
this single clock input using an internal PLL. This MCLKI input
can also be generated by an external crystal oscillator connected
to the MCLKI/XIN pin or by using a simple crystal resonator
connected across MCLKI/XIN and XOUT. By default, the
master clock frequency is 24.576 MHz; however, by using the
internal dividers, an MCLKI of 12.288 MHz, 6.144 MHz, and
3.072 MHz are also supported.
OSC
DIVIDER
REGISTER
DIVIDER WORD
[÷8, ÷4, ÷2, ÷1]
3.072MHz
PLL
REFERENCE
CLOCK
MASTER CLOCK FREQUENCY
[24.576MHz, 12.288MHz,
6.144MHz, 3.072MHz]
I2C
EXTERNAL CLOCK/
CRYSTAL
Figure 21. Master Clock
SIF_IN2
SIF_IN1
SIF INPUT
4.5MHz ~ 6.742MHz
AGC
ADC
24.576MHz
FM/DQPSK/AM
DEMOD
SC1
SC2
A
B
SIF
PARAMETERS
ASD
Figure 22. SIF Demodulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com