Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 12Page - Analog Devices ADAV4622BSTZ Datasheet HTML 13Page - Analog Devices ADAV4622BSTZ Datasheet HTML 14Page - Analog Devices ADAV4622BSTZ Datasheet HTML 15Page - Analog Devices ADAV4622BSTZ Datasheet HTML 16Page - Analog Devices ADAV4622BSTZ Datasheet HTML 17Page - Analog Devices ADAV4622BSTZ Datasheet HTML 18Page - Analog Devices ADAV4622BSTZ Datasheet HTML 19Page - Analog Devices ADAV4622BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADAV4622
Rev. B | Page 16 of
28
TYPICAL PERFORMANCE CHARACTERISTICS
0
–180
–160
07
FREQUENCY (kHz)
192
384
576
–140
–120
–100
–80
–60
–40
–20
68
Figure 10. DAC Composite Filter Response (48 kHz)
0
–160
09
FREQUENCY (kHz)
24
48
72
–140
–120
–100
–80
–60
–40
–20
6
Figure 11. DAC Band-Pass Filter Response (48 kHz)
0.6
–0.6
–0.4
–0.2
0
0.2
0.4
02
FREQUENCY (kHz)
816
4
Figure 12. DAC Pass-Band Ripple (48 kHz)
0
–30
–60
–90
–120
–150
–180
–210
–240
–270
–300
03
FREQUENCY (kHz)
128
256
84
Figure 13. ADC Composite Filter Response (48 kHz)
0
–180
–150
–120
–90
–60
–30
09
FREQUENCY (kHz)
24
48
72
6
Figure 14. ADC Band-Pass Filter Response (48 kHz)
0.04
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
02
FREQUENCY (kHz)
816
4
Figure 15. ADC Pass-Band Ripple (48 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com